전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6102A2DRG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA6102A2DRG4
상세설명  50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6102A2DRG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA6102A2DRG4 Datasheet HTML 4Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 5Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 6Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 7Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 8Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 9Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 10Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 11Page - Texas Instruments TPA6102A2DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPA6102A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
SLOS324B − JUNE 2000 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
0.001
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDD = 1.6 V
RL = 10 kΩ
Frequency = 20 Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
Figure 14
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDD = 3.3 V
RL = 10 kΩ
Frequency = 20 Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
Figure 15
0
3
6
9
12
15
16
20
24
28
32
36
40
44
48 50
OUTPUT POWER
vs
LOAD RESISTANCE
VDD = 1.6 V
THD+N = 1%
Mode = Stereo
RL − Load Resistance − Ω
Figure 16
0
25
50
75
100
125
150
16
20
24
28
32
36
40
44
48 50
OUTPUT POWER
vs
LOAD RESISTANCE
VDD = 3.6 V
THD+N = 1%
Mode = Stereo
RL − Load Resistance − Ω


유사한 부품 번호 - TPA6102A2DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6102A2D TI-TPA6102A2D Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2D TI1-TPA6102A2D Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DG4 TI1-TPA6102A2DG4 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DGK TI-TPA6102A2DGK Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2DGK TI1-TPA6102A2DGK Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6102A2DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com