전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6211A1DRB 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6211A1DRB
상세설명  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1DRB 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA6211A1DRB Datasheet HTML 5Page - Texas Instruments TPA6211A1DRB Datasheet HTML 6Page - Texas Instruments TPA6211A1DRB Datasheet HTML 7Page - Texas Instruments TPA6211A1DRB Datasheet HTML 8Page - Texas Instruments TPA6211A1DRB Datasheet HTML 9Page - Texas Instruments TPA6211A1DRB Datasheet HTML 10Page - Texas Instruments TPA6211A1DRB Datasheet HTML 11Page - Texas Instruments TPA6211A1DRB Datasheet HTML 12Page - Texas Instruments TPA6211A1DRB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
VDD = 3.6 V
VDD = 2.5 V
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
Gain = 5 V/V,
CI = 2 µF,
Inputs ac Grounded
VDD = 5 V
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
CI = 2 µF,
VDD = 2.5 V to 5 V
Inputs Floating
f − Frequency − Hz
+0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
50
100 200
500 1k
2k
5k
10k
RL = 4 Ω,,
CI = 2 µF,
Gain = 1 V/V,
VDD = 3.6 V
C(BYPASS) = 0.47 µF
C(BYPASS) = 1 µF
C(BYPASS) = 0.1 µF
No C(BYPASS)
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
DC Common Mode Input − V
RL = 4 Ω,,
CI = 2 µF,
Gain = 1 V/V,
C(BYPASS) = 0.47 µF
VDD = 3.6 V,
f = 217 Hz,
Inputs ac Grounded
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
SUPPLY VOLTAGE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
SUPPLY VOLTAGE REJECTION RATIO
SUPPLY VOLTAGE REJECTION RATIO
vs
vs
FREQUENCY
DC COMMON MODE INPUT
Figure 17.
Figure 18.
9


유사한 부품 번호 - TPA6211A1DRB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6211A1DRB TI-TPA6211A1DRB Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DRB TI1-TPA6211A1DRB Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRB TI1-TPA6211A1DRB Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRBG4 TI1-TPA6211A1DRBG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DRBG4 TI1-TPA6211A1DRBG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

유사한 설명 - TPA6211A1DRB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com