전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6277ARL4 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 1N6277ARL4
상세설명  1500 Watt Mosorb TM Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6277ARL4 데이터시트(HTML) 3 Page - ON Semiconductor

  1N6277ARL4 Datasheet HTML 1Page - ON Semiconductor 1N6277ARL4 Datasheet HTML 2Page - ON Semiconductor 1N6277ARL4 Datasheet HTML 3Page - ON Semiconductor 1N6277ARL4 Datasheet HTML 4Page - ON Semiconductor 1N6277ARL4 Datasheet HTML 5Page - ON Semiconductor 1N6277ARL4 Datasheet HTML 6Page - ON Semiconductor 1N6277ARL4 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N6267A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 3) = 100 A)
Device
JEDEC
Device
(Note 4)
VRWM
(Note 5)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 7)
QVBR
VBR (Note 6) (Volts)
@ IT
VC
IPP
(Volts)
(
mA)
Min
Nom
Max
(mA)
(Volts)
(A)
(%/
°C)
1.5KE6.8A, G
1N6267A, G
5.8
1000
6.45
6.8
7.14
10
10.5
143
0.057
1.5KE7.5A, G
1N6268A, G
6.4
500
7.13
7.5
7.88
10
11.3
132
0.061
1.5KE8.2A, G
1N6269A, G
7.02
200
7.79
8.2
8.61
10
12.1
124
0.065
1.5KE9.1A, G
1N6270A, G
7.78
50
8.65
9.1
9.55
1
13.4
112
0.068
1.5KE10A, G
1N6271A, G
8.55
10
9.5
10
10.5
1
14.5
103
0.073
1.5KE11A, G
1N6272A, G
9.4
5
10.5
11
11.6
1
15.6
96
0.075
1.5KE12A, G
1N6273A, G
10.2
5
11.4
12
12.6
1
16.7
90
0.078
1.5KE13A, G
1N6274A, G
11.1
5
12.4
13
13.7
1
18.2
82
0.081
1.5KE15A, G
1N6275A, G
12.8
5
14.3
15
15.8
1
21.2
71
0.084
1.5KE16A, G
1N6276A, G
13.6
5
15.2
16
16.8
1
22.5
67
0.086
1.5KE18A, G
1N6277A, G
15.3
5
17.1
18
18.9
1
25.2
59.5
0.088
1.5KE20A, G
1N6278A, G
17.1
5
19
20
21
1
27.7
54
0.09
1.5KE22A, G
1N6279A, G
18.8
5
20.9
22
23.1
1
30.6
49
0.092
1.5KE24A, G
1N6280A, G
20.5
5
22.8
24
25.2
1
33.2
45
0.094
1.5KE27A, G
1N6281A, G
23.1
5
25.7
27
28.4
1
37.5
40
0.096
1.5KE30A, G
1N6282A, G
25.6
5
28.5
30
31.5
1
41.4
36
0.097
1.5KE33A, G
1N6283A, G
28.2
5
31.4
33
34.7
1
45.7
33
0.098
1.5KE36A, G
1N6284A, G
30.8
5
34.2
36
37.8
1
49.9
30
0.099
1.5KE39A, G
1N6285A, G
33.3
5
37.1
39
41
1
53.9
28
0.1
1.5KE43A, G
1N6286A, G
36.8
5
40.9
43
45.2
1
59.3
25.3
0.101
1.5KE47A, G
1N6287A, G
40.2
5
44.7
47
49.4
1
64.8
23.2
0.101
1.5KE51A, G
1N6288A, G
43.6
5
48.5
51
53.6
1
70.1
21.4
0.102
1.5KE56A, G
1N6289A, G
47.8
5
53.2
56
58.8
1
77
19.5
0.103
1.5KE62A, G
1N6290A, G
53
5
58.9
62
65.1
1
85
17.7
0.104
1.5KE68A, G
1N6291A, G
58.1
5
64.6
68
71.4
1
92
16.3
0.104
1.5KE75A, G
1N6292A, G
64.1
5
71.3
75
78.8
1
103
14.6
0.105
1.5KE82A, G
1N6293A, G
70.1
5
77.9
82
86.1
1
113
13.3
0.105
1.5KE91A, G
1N6294A, G
77.8
5
86.5
91
95.5
1
125
12
0.106
1.5KE100A, G
1N6295A, G
85.5
5
95
100
105
1
137
11
0.106
1.5KE110A, G
1N6296A, G
94
5
105
110
116
1
152
9.9
0.107
1.5KE120A, G
1N6297A, G
102
5
114
120
126
1
165
9.1
0.107
1.5KE130A, G
1N6298A, G
111
5
124
130
137
1
179
8.4
0.107
1.5KE150A, G
1N6299A, G
128
5
143
150
158
1
207
7.2
0.108
1.5KE160A, G
1N6300A, G
136
5
152
160
168
1
219
6.8
0.108
1.5KE170A, G
1N6301A, G
145
5
162
170
179
1
234
6.4
0.108
1.5KE180A, G
1N6302A, G*
154
5
171
180
189
1
246
6.1
0.108
1.5KE200A, G
1N6303A, G
171
5
190
200
210
1
274
5.5
0.108
1.5KE220A, G
185
5
209
220
231
1
328
4.6
0.109
1.5KE250A, G
214
5
237
250
263
1
344
5
0.109
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
3. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
4. Indicates JEDEC registered data
5. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at an ambient temperature of 25°C
7. Surge current waveform per Figure 5 and derate per Figures 1 and 2.
†The “G” suffix indicates Pb−Free package available.
*Not Available in the 1500/Tape & Reel


유사한 부품 번호 - 1N6277ARL4

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N6277A VISHAY-1N6277A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Transys Electronics
1N6277A TRSYS-1N6277A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6277A BILIN-1N6277A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6277A VISHAY-1N6277A Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Dc Components
1N6277A DCCOM-1N6277A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - 1N6277ARL4

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com