전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5099 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5099
상세설명  Wide Frequency Synchronous Buck PWM AND LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5099 Datasheet HTML 6Page - Fairchild Semiconductor FAN5099 Datasheet HTML 7Page - Fairchild Semiconductor FAN5099 Datasheet HTML 8Page - Fairchild Semiconductor FAN5099 Datasheet HTML 9Page - Fairchild Semiconductor FAN5099 Datasheet HTML 10Page - Fairchild Semiconductor FAN5099 Datasheet HTML 11Page - Fairchild Semiconductor FAN5099 Datasheet HTML 12Page - Fairchild Semiconductor FAN5099 Datasheet HTML 13Page - Fairchild Semiconductor FAN5099 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.3
10
Block Diagram
Figure 21. Block Diagram
Detailed Operation Description
FAN5099 combines a high-efficiency, fixed-frequency
PWM controller designed for single-phase synchronous
buck Point-Of-Load converters with an integrated LDO
controller to support GTL-type loads. This controller is
ideally suited to deliver low-voltage, high-current power
supplies needed in desktop computers, notebooks,
workstations, and servers. The controller comes with an
integrated boot diode which helps reduce component
cost and increase space savings. With this controller, the
input to the power supply can be varied from 3V to 24V
and the output voltage can be set to regulate at 0.8V to
15V on the switcher output. The LDO output can be con-
figured to regulate between 0.8V to 3V and the input to
the LDO can be from 1.5V to 5V, respectively. An internal
shunt regulator at the VCC pin facilitates the controller
operation from either a 5V or 12V power source.
VCC Bias Supply
FAN5099 can be configured to operate from 5V or 12V
for VCC. When 5V supply is used for VCC, no resistor is
required to be connected between the supply and the
VCC. When the 12V supply is used, a resistor RVCC is
connected between the 12V supply and the VCC, as
shown in Figure 1. The internal shunt regulator at the VCC
pin is capable of sinking 150mA of current to ensure the
controller’s internal VCC is maintained at 5.6V maximum.
Choose a resistor such that:
It is rated to handle the power dissipation.
Current sunk within the controller is minimized to
prevent IC temperature rise.
RVCC Selection (IC)
The selection of RVCC is dependent on:
Variation of the 12V supply
Sum of gate charges of top and bottom FETs (QFET)
Switching frequency (FSW)
Shunt regulator minimum current (1mA)
Quiescent Current of the IC (IQ)
Calculate RVCC based on the minimum input voltage for
the VCC:
For a typical example, where:
VINMIN = 11.5V, IQ = 3mA, QFET = 30nC, FSW = 300kHz,
RVCC is calculated to be 398.65Ω.
PWM Section
The FAN5099’s PWM controller combines the conven-
tional voltage mode control and current sensing through
lower MOSFET RDS_ON to generate the PWM signals.
This method of current sensing is loss-less and cost
effective. For more accurate current sense requirements,
an optional external resistor can be connected with the
bottom MOSFET in series.
Current
Sense
Amplifier
FB
COMP
SS
Vref
Vcc
ILIM
R
ILIM
10μA
10μA
Current Limit
Comparator
Internal
Boot Diode
Internal Vcc 5.6V Max.
OSC
R
S
Q
PW M
EN
R(RAMP)
Ramp
Generator
Enable
Vcc
C
O
L
O
BOOT
Vout
R
RAMP
Error
Amplifier
PWM
Comparator
C
BOOT
V
IN
V
IN
Shunt Reg
HDRV
SW
LDRV
PGND
Summing
Amplifier
Adaptive
Gate Drive
Circuit
RVCC
VINMIN 5.6
IQ 110
3
QFET FSW 1.2
++
()
------------------------------------------------------------------------------------------
=


유사한 부품 번호 - FAN5099

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099EMX FAIRCHILD-FAN5099EMX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
More results

유사한 설명 - FAN5099

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com