전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDMA291P 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDMA291P
상세설명  Single P-Channel 1.8V Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA291P 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDMA291P Datasheet HTML 1Page - Fairchild Semiconductor FDMA291P Datasheet HTML 2Page - Fairchild Semiconductor FDMA291P Datasheet HTML 3Page - Fairchild Semiconductor FDMA291P Datasheet HTML 4Page - Fairchild Semiconductor FDMA291P Datasheet HTML 5Page - Fairchild Semiconductor FDMA291P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May 2006
©2006 Fairchild Semiconductor Corporation
FDMA291P Rev B (W)
FDMA291P
Single P-Channel 1.8V Specified PowerTrench
®
MOSFET
General Description
This device is designed specifically for battery charge
or load switching in cellular handset and other ultra-
portable applications. It features a MOSFET with low
on-state resistance.
The MicroFET 2x2 package offers exceptional thermal
performance for its physical size and is well suited to
linear mode applications.
Features
• –6.6 A, –20V. r
DS(ON) = 42 mΩ @ VGS = –4.5V
rDS(ON) = 58 mΩ @ VGS = –2.5V
rDS(ON) = 98 mΩ @ VGS = –1.8V
• Low profile – 0.8 mm maximum – in the new package
MicroFET 2x2 mm
MicroFET 2x2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
–20
V
VGS
Gate-Source Voltage
±8
V
Drain Current
– Continuous
(Note 1a)
–6.6
ID
– Pulsed
–24
A
Power Dissipation for Single Operation
(Note 1a)
2.4
PD
(Note 1b)
0.9
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
52
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
145
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
291
FDMA291P
7’’
8mm
3000 units
Pin 1
Source
Drain
3
2
1
4
5
6
Bottom Drain Contact
D
D
D
D
G
S
May 2006


유사한 부품 번호 - FDMA291P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMA291P FAIRCHILD-FDMA291P Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
More results

유사한 설명 - FDMA291P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com