전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3001D1PWP 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3001D1PWP
상세설명  20-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1PWP 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3001D1PWP Datasheet HTML 6Page - Texas Instruments TPA3001D1PWP Datasheet HTML 7Page - Texas Instruments TPA3001D1PWP Datasheet HTML 8Page - Texas Instruments TPA3001D1PWP Datasheet HTML 9Page - Texas Instruments TPA3001D1PWP Datasheet HTML 10Page - Texas Instruments TPA3001D1PWP Datasheet HTML 11Page - Texas Instruments TPA3001D1PWP Datasheet HTML 12Page - Texas Instruments TPA3001D1PWP Datasheet HTML 13Page - Texas Instruments TPA3001D1PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
0.01
0.1
1
10
0
2
4
6
1 kHz
20 Hz
20 kHz
PO − Output Power − W
VCC = 8 V,
RL = 4 Ω,
Gain = 12 dB
0.01
0.1
1
10
0
2
4
6
1 kHz
20 kHz
20 Hz
PO − Output Power − W
VCC = 8 V,
RL = 4 Ω,
Gain = 36 dB
0.001
0.01
0.1
1
20
100
1 k
10 k 20 k
VCC = 18 V
RL = 8 Ω
f − Frequency − Hz
PO = 500 mW
PO = 2 W
PO = 10 W
PO = 500 mW
0.001
0.01
0.1
1
20
100
1 k
10 k 20 k
VCC = 15 V
RL = 8 Ω
f − Frequency − Hz
PO = 10 W
PO = 2 W
TPA3001D1
SLOS398C – DECEMBER 2002 – REVISED JULY 2006
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
10
Submit Documentation Feedback


유사한 부품 번호 - TPA3001D1PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3001D1PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com