전자부품 데이터시트 검색엔진 |
|
74CBT16233DGVRG4 데이터시트(PDF) 3 Page - Texas Instruments |
|
74CBT16233DGVRG4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 9 page SN74CBT16233 16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER SCDS010K – MAY 1995 – REVISED NOVEMBER 2001 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 4.75 5.25 V VIH High-level control input voltage 2 V VIL Low-level control input voltage 0.8 V TA Operating free-air temperature –40 85 °C NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.75 V, II = –18 mA –1.2 V II VCC = 0, VI = 5.25 V 10 µA II VCC = 5.25 V, VI = 5.25 V or GND ±1 µA ICC VCC = 5.25 V, IO = 0, VI = VCC or GND 3 µA ∆ICC‡ Control inputs VCC = 5.25 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA Ci Control inputs VI = 3 V or 0 4.5 pF Cio(OFF) VO = 3 V or 0 4 pF § VI =0 II = 64 mA 5 7 ron§ VCC = 4.75 V VI = 0 II = 30 mA 5 7 Ω VI = 2.4 V, II = 15 mA 7 12 † All typical values are at VCC = 5 V, TA = 25°C. ‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. § Measured by the voltage drop between A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO MIN MAX UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX UNIT tpd¶ A or B B or A 0.25 ns tpd SEL A 1.6 5.3 ns ten TEST or SEL B 1.3 5.2 ns tdis TEST or SEL B 1 5.3 ns ¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
유사한 부품 번호 - 74CBT16233DGVRG4 |
|
유사한 설명 - 74CBT16233DGVRG4 |