전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC05IE150HV 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STC05IE150HV
상세설명  Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC05IE150HV 데이터시트(HTML) 1 Page - STMicroelectronics

  STC05IE150HV Datasheet HTML 1Page - STMicroelectronics STC05IE150HV Datasheet HTML 2Page - STMicroelectronics STC05IE150HV Datasheet HTML 3Page - STMicroelectronics STC05IE150HV Datasheet HTML 4Page - STMicroelectronics STC05IE150HV Datasheet HTML 5Page - STMicroelectronics STC05IE150HV Datasheet HTML 6Page - STMicroelectronics STC05IE150HV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2006
1/7
7
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
STC05IE150HV
Emitter Switched Bipolar Transistor
ESBT® 1500 V - 5 A - 0.12
Features
High voltage / high current Cascode
configuration
Low equivalent on resistance
Very fast-switch, up to 150 kHZ
Squared rbsoa, up to 1500 V
Very low CISS driven by RG = 47 Ω
Very low turn-off cross over time
In compliance with the 2002/93/EC European
Directive
Applications
Aux SMPS for three phase mains
Sepic PFC
Description
The
STC05IE150HV
is
manufactured
in
Monolithic ESBT Technology, aimed to provide
best performance in high frequency / high voltage
applications. it is designed for use in Gate Driven
based topologies.
PRELIMINARY DATA
Internal Schematic Diagram
VCS(ON)
IC
RCS(ON)
0.6 V
5 A
0.12
W
TO247-4LHV
1
2
3
4
www.st.com
Order Codes
Part Number
Marking
Package
Packaging
STC05IE150HV
C05IE150HV
TO247-4LHV
TUBE
Rev 2


유사한 부품 번호 - STC05IE150HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
More results

유사한 설명 - STC05IE150HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com