전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33941 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 MC33941
상세설명  Electric Field Imaging Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33941 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  MC33941 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33941 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC33941
Sensors
2
Freescale Semiconductor
Figure 1. Simplified Functional Block Diagram
OSC
700
700
LEVEL
LPCAP
VDDCAP
VCCCAP
VPWR
AGND
GND
ROSC
SHIELDEN
SHIELD
E1-E7
A,B,C
150 Ω
RECT
LPF
GAIN AND
OFFSET
MUX
IN
CONTROL
LOGIC
MUX
OUT
3
22 kΩ (Nominal)
2.8 kΩ
2.8 kΩ
VCC
REG
VDD
REG


유사한 부품 번호 - MC33941

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33941EG NXP-MC33941EG Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33941EGR2 NXP-MC33941EGR2 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
More results

유사한 설명 - MC33941

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33794 FREESCALE-MC33794 Datasheet
390Kb / 18P
   Electric Field Imaging Device
logo
Motorola, Inc
MC33794 MOTOROLA-MC33794 Datasheet
491Kb / 20P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33794 NXP-MC33794 Datasheet
461Kb / 18P
   Electric Field Imaging Device
Rev 9, 11/2006
logo
Freescale Semiconductor...
MC34940 FREESCALE-MC34940 Datasheet
298Kb / 9P
   Electric Field Imaging Device
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
Vaisala
EFM550 VAISALA-EFM550 Datasheet
1Mb / 2P
   Thunderstorm Electric Field Mill EFM550
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com