전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD50NH02LT4 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STD50NH02LT4
상세설명  N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD50NH02LT4 데이터시트(HTML) 3 Page - STMicroelectronics

  STD50NH02LT4 Datasheet HTML 1Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 2Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 3Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 4Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 5Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 6Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 7Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 8Page - STMicroelectronics STD50NH02LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD50NH02L - STD50NH02L-1
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vspike
(1)
1.
Garanted when external Rg=4.7 Ω and tf < tfmax.
Drain-source voltage rating
30
V
VDS
Drain-source voltage (VGS = 0)
24
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)24
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
50
A
ID
Drain current (continuous) at TC = 100°C
36
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
200
A
Ptot
Total dissipation at TC = 25°C
60
W
Derating Factor
0.4
W/°C
EAS
(3)
3.
Starting Tj = 25 °C, ID = 19A, VDD = 18V
Single pulse avalanche energy
280
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
2.5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
100
°C/W
TJ
Maximum lead temperature for soldering purpose
275
°C


유사한 부품 번호 - STD50NH02LT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
logo
VBsemi Electronics Co.,...
STD50NH02L-1 VBSEMI-STD50NH02L-1 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STD50NH02LT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L Datasheet
527Kb / 12P
   N-CHANNEL 24V - 0.011 ohm - 38A DPAK/IPAK STripFET??III POWER MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com