전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD110NH02L 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STD110NH02L
상세설명  N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD110NH02L 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STD110NH02L Datasheet HTML 2Page - STMicroelectronics STD110NH02L Datasheet HTML 3Page - STMicroelectronics STD110NH02L Datasheet HTML 4Page - STMicroelectronics STD110NH02L Datasheet HTML 5Page - STMicroelectronics STD110NH02L Datasheet HTML 6Page - STMicroelectronics STD110NH02L Datasheet HTML 7Page - STMicroelectronics STD110NH02L Datasheet HTML 8Page - STMicroelectronics STD110NH02L Datasheet HTML 9Page - STMicroelectronics STD110NH02L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STD110NH02L
6/15
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area
Figure 2.
Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance


유사한 부품 번호 - STD110NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
More results

유사한 설명 - STD110NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD36NH02L STMICROELECTRONICS-STD36NH02L Datasheet
766Kb / 13P
   N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
   N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com