전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW30NC60VD 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STGW30NC60VD
상세설명  N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30NC60VD 데이터시트(HTML) 4 Page - STMicroelectronics

  STGW30NC60VD Datasheet HTML 1Page - STMicroelectronics STGW30NC60VD Datasheet HTML 2Page - STMicroelectronics STGW30NC60VD Datasheet HTML 3Page - STMicroelectronics STGW30NC60VD Datasheet HTML 4Page - STMicroelectronics STGW30NC60VD Datasheet HTML 5Page - STMicroelectronics STGW30NC60VD Datasheet HTML 6Page - STMicroelectronics STGW30NC60VD Datasheet HTML 7Page - STMicroelectronics STGW30NC60VD Datasheet HTML 8Page - STMicroelectronics STGW30NC60VD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STGW30NC60VD
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VBR(CES)
Collector-emitter breakdown
voltage
IC = 1mA, VGE = 0
600
V
VCE(SAT)
Collector-emitter saturation
voltage
VGE=15V, IC=20A,Tj=25°C
VGE=15V, IC=20A,Tj=125°C
1.8
1.7
2.5
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250µA
3.75
5.75
V
ICES
Collector-emitter leakage
current (VGE = 0)
VCE = Max rating,Tc=25°C
VCE= Max rating, Tc=125°C
250
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20V, VCE = 0
±100
nA
gfs
Forward transconductance
VCE = 15V, IC= 20A
15
S
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1 MHz, VGE= 0
2200
225
50
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390V, IC = 20A,
VGE = 15V,
(see Figure 17)
100
16
45
140
nC
nC
nC


유사한 부품 번호 - STGW30NC60VD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW30NC60KD STMICROELECTRONICS-STGW30NC60KD Datasheet
349Kb / 14P
   30 A - 600 V - short circuit rugged IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
More results

유사한 설명 - STGW30NC60VD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com