전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW39NC60VD 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STGW39NC60VD
상세설명  N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW39NC60VD 데이터시트(HTML) 5 Page - STMicroelectronics

  STGW39NC60VD_06 Datasheet HTML 1Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 2Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 3Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 4Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 5Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 6Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 7Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 8Page - STMicroelectronics STGW39NC60VD_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STGW39NC60VD
Electrical characteristics
5/13
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)onf
Turn-on delay time
Current rise time
Turn-on current slope
VCC=390 V, IC= 30A,
RG=10Ω, VGE=15V
Tj=25°C (see Figure 15)
33
13
2500
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC=390 V, IC= 30A,
RG=10Ω, VGE=15V
Tj=125°C (see Figure 15)
32
14
2280
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC=390 V, IC= 30A,
RG=10Ω, VGE=15V
Tj=25°C (see Figure 15)
33
178
65
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC=390 V, IC= 30A,
RG=10Ω, VGE=15V
Tj=125°C (see Figure 15)
68
238
128
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test condictions
Min
Typ.
Max
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2 Eon include diode
recovery energy. If the IGBT is offered in a package with a co-pak diode, the co-pack diode is used as
external diode. IGBTs & Diode are at the same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 30A
RG=10Ω, VGE= 15V,
Tj= 25°C (see Figure 17)
333
537
870
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 30A
RG=10Ω, VGE= 15V,
Tj= 125°C (see Figure 17)
618
1125
1743
µJ
µJ
µJ
Table 7.
Collector-emitter diode
Symbol
Parameter
Test condictions
Min
Typ.
Max
Unit
Vf
Forward on-voltage
If = 15A
If = 15A, Tj = 125°C
1.6
1.4
2.8
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 15A, VR = 40 V,
Tj = 25°C, di/dt =100A/µs
(see Figure 18)
45
56
2.55
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 15A, VR = 40V,
Tj = 125°C,di/dt =100A/µs
(see Figure 18)
100
290
5.8
ns
nC
A


유사한 부품 번호 - STGW39NC60VD_06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
More results

유사한 설명 - STGW39NC60VD_06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW30NC60VD STMICROELECTRONICS-STGW30NC60VD Datasheet
411Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD Datasheet
283Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD Datasheet
340Kb / 10P
   N-CHANNEL 40A - 600V - TO-247 Very Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
STGW30NC120HD STMICROELECTRONICS-STGW30NC120HD_07 Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com