전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT125DBRE4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74ABT125DBRE4
상세설명  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT125DBRE4 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ABT125DBRE4 Datasheet HTML 1Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 2Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 3Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 4Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 5Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 6Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 7Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 8Page - Texas Instruments SN74ABT125DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54ABT125, SN74ABT125
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCBS182I – FEBRUARY 1997 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT125
SN74ABT125
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
µA
IOZL
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
–10
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–200§
–50
–200§
–50
–200§
mA
VCC = 5.5 V,
Outputs high
1
250
250
250
µA
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
24
30
30
30
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
250
µA
Data
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
∆ICC¶
inputs
,
Other inputs at
VCC or GND
Outputs disabled
0.05
0.05
0.05
mA
Control
inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
7
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This limit may vary among suppliers.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.


유사한 부품 번호 - SN74ABT125DBRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT125DBR TI-SN74ABT125DBR Datasheet
642Kb / 6P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74ABT125DBR TI1-SN74ABT125DBR Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74ABT125DBRG4 TI1-SN74ABT125DBRG4 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT125DBRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com