전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX16240DTR 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 74VCX16240DTR
상세설명  Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16240DTR 데이터시트(HTML) 1 Page - ON Semiconductor

  74VCX16240DTR Datasheet HTML 1Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 2Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 3Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 4Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 5Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 6Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 7Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 8Page - ON Semiconductor 74VCX16240DTR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 5
1
Publication Order Number:
74VCX16240/D
74VCX16240
Low−Voltage 1.8/2.5/3.3V
16−Bit Buffer
With 3.6 V−Tolerant Inputs and Outputs
(3−State, Inverting)
The 74VCX16240 is an advanced performance, inverting 16−bit
buffer. It is designed for very high−speed, very low−power operation
in 1.8 V, 2.5 V or 3.3 V systems.
When operating at 2.5 V (or 1.8 V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing
to 3.3 V busses. It is guaranteed to be over−voltage tolerant to 3.6 V.
The 74VCX16240 is nibble controlled with each nibble functioning
identically, but independently. The control pins may be tied together to
obtain full 16−bit operation. The 3−state outputs are controlled by an
Output Enable (OEn) input for each nibble. When OEn is LOW, the
outputs are on. When OEn is HIGH, the outputs are in the high
impedance state.
Features
Designed for Low Voltage Operation: VCC = 1.65 V − 3.6 V
3.6V Tolerant Inputs and Outputs
High Speed Operation: 2.5 ns max for 3.0 V to 3.6 V
3.0 ns max for 2.3 V to 2.7 V
6.0 ns max for 1.65 V to 1.95 V
Static Drive:
±24 mA Drive at 3.0 V
±18 mA Drive at 2.3 V
±6 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
Near Zero Static Supply Current in All Three Logic States (20 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
All Devices in Package TSSOP are Inherently Pb−Free*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
VCX16240
AWLYYWW
1
48
Device
Package
Shipping
ORDERING INFORMATION
74VCX16240DT
TSSOP
(Pb−Free)
39 / Rail
74VCX16240DTR
TSSOP
(Pb−Free)
2500 / Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com


유사한 부품 번호 - 74VCX16240DTR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
STMicroelectronics
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16240MTD FAIRCHILD-74VCX16240MTD Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240MTD FAIRCHILD-74VCX16240MTD Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
STMicroelectronics
74VCX16240TTR STMICROELECTRONICS-74VCX16240TTR Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - 74VCX16240DTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com