전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA4861D 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA4861D
상세설명  1-W MONO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA4861D 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA4861D Datasheet HTML 6Page - Texas Instruments TPA4861D Datasheet HTML 7Page - Texas Instruments TPA4861D Datasheet HTML 8Page - Texas Instruments TPA4861D Datasheet HTML 9Page - Texas Instruments TPA4861D Datasheet HTML 10Page - Texas Instruments TPA4861D Datasheet HTML 11Page - Texas Instruments TPA4861D Datasheet HTML 12Page - Texas Instruments TPA4861D Datasheet HTML 13Page - Texas Instruments TPA4861D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
20
103
102
101
1
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V
V01 +V02
V01
V02
20
103
102
101
1
100
1 k
10 k
20 k
f − Frequency − Hz
VDD = 3.3 V
V02
V01
V01 +V02
0.4
0.2
0
−25
0
25
50
75
0.6
0.8
100
TA − Free-Air Temperature − °C
−50
1
0.75
0.5
0
0
0.75
PO − Output Power − W
0.25
0.5
1
1.25
VDD = 5 V
0.25
RL = 8 Ω
RL = 16 Ω
TPA4861
SLOS163C – SEPTEMBER 1996 – REVISED JUNE 2004
OUTPUT NOISE VOLTAGE
OUTPUT NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
MAXIMUM PACKAGE POWER DISSIPATION
POWER DISSIPATION
vs
vs
FREE-AIR TEMPERATURE
OUTPUT POWER
Figure 25.
Figure 26.
10


유사한 부품 번호 - TPA4861D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861D TI-TPA4861D Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA4861D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com