전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCXH245MNR2G 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 74VCXH245MNR2G
상세설명  Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH245MNR2G 데이터시트(HTML) 6 Page - ON Semiconductor

  74VCXH245MNR2G Datasheet HTML 1Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 2Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 3Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 4Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 5Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 6Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 7Page - ON Semiconductor 74VCXH245MNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74VCXH245
http://onsemi.com
6
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0 V
VOH
VOL
An, Bn
Bn, An
tPHL
tPLH
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0 V
≈ 0V
OEn, T/Rn
An, Bn
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
An, Bn
Vm
Vm
Vm
Vm
Vm
Vm
Figure 3. AC Waveforms
Vm
VOH
Vy
Vx
VOL
Vm
VCC
Symbol
3.3 V
± 0.3 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
VIH
2.7 V
VCC
VCC
Vm
1.5 V
VCC/2
VCC/2
Vx
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
Vy
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
RL
CL
6 V or VCC × 2
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 ± 0.3 V;
VCC× 2 at VCC = 2.5 ± 0.2 V; 1.8 V ± 0.15 V
tPZH, tPHZ
GND
CL = 30 pF or equivalent (Includes jig and probe capacitance)
RL = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit


유사한 부품 번호 - 74VCXH245MNR2G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCXH245MTC FAIRCHILD-74VCXH245MTC Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245MTC FAIRCHILD-74VCXH245MTC Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
More results

유사한 설명 - 74VCXH245MNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74ALVCH16245 ONSEMI-74ALVCH16245 Datasheet
139Kb / 12P
   Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
September, 2002 ??Rev. 1
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
Analog Devices
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN74AUP1T04 TI-SN74AUP1T04 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER,1.8/2.5/3.3-V INPUT,3.3-V COMS OUTPUT, SINGLE INVERTER GATE
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com