전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8101YDWFR20G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 CS8101YDWFR20G
상세설명  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8101YDWFR20G 데이터시트(HTML) 1 Page - ON Semiconductor

  CS8101YDWFR20G Datasheet HTML 1Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 2Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 3Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 4Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 5Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 6Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 7Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 8Page - ON Semiconductor CS8101YDWFR20G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 18
1
Publication Order Number:
CS8101/D
CS8101
Micropower 5.0 V, 100 mA
Low Dropout Linear
Regulator with RESET
and ENABLE
The CS8101 is a precision 5.0 V micropower voltage regulator with
very low quiescent current (70
mA typ at 100 mA load). The 5.0 V
output is accurate within
±2.0% and supplies 100 mA of load current
with a typical dropout voltage of only 400 mV. Microprocessor control
logic includes an ENABLE input and an active RESET. This
combination of low quiescent current, outstanding regulator
performance and control logic makes the CS8101 ideal for any battery
operated, microprocessor controlled equipment.
The active RESET circuit includes hysteresis, and operates
correctly at an output voltage as low as 1.0 V. The RESET function is
activated during the power up sequence or during normal operation if
the output voltage drops outside the regulation limits by more than
200 mV typ. The logic level compatible ENABLE input allows the user
to put the regulator into a shutdown mode where it draws only 20
mA
typical of quiescent current.
The regulator is protected against reverse battery, short circuit, over
voltage, and thermal overload conditions. The device can withstand
load dump transients making it suitable for use in automotive
environments.
The CS8101 is functionally equivalent to the National
Semiconductor LP2951 series low current regulators.
Features
5.0 V ±2.0% Output
Low 70 mA Quiescent Current
Active RESET
ENABLE Input for ON/OFF and Active/Sleep Mode Control
100 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−15 V Reverse Voltage Short Circuit Thermal Overload
Low Reverse Current (Output to Input)
Internally Fused Leads Available in SO−20 WB Package
Pb−Free Packages are Available
TO−220
FIVE LEAD
T SUFFIX
CASE 314D
1
5
TO−220
FIVE LEAD
TVA SUFFIX
CASE 314K
TO−220
FIVE LEAD
THA SUFFIX
CASE 314A
1
5
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION
SO−20 WB
DWF SUFFIX
CASE 751D
1
20
SOIC−8
D SUFFIX
CASE 751
1
8
http://onsemi.com


유사한 부품 번호 - CS8101YDWFR20G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8101YDWFR20G ONSEMI-CS8101YDWFR20G Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
More results

유사한 설명 - CS8101YDWFR20G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com