전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8321YDPR3G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CS8321YDPR3G
상세설명  Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8321YDPR3G 데이터시트(HTML) 3 Page - ON Semiconductor

  CS8321YDPR3G Datasheet HTML 1Page - ON Semiconductor CS8321YDPR3G Datasheet HTML 2Page - ON Semiconductor CS8321YDPR3G Datasheet HTML 3Page - ON Semiconductor CS8321YDPR3G Datasheet HTML 4Page - ON Semiconductor CS8321YDPR3G Datasheet HTML 5Page - ON Semiconductor CS8321YDPR3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS8321
http://onsemi.com
3
CIRCUIT DESCRIPTION AND APPLICATION NOTES
VOLTAGE REFERENCE AND OUTPUT CIRCUITRY
The CS8321 is a series pass voltage regulator. It consists
of an error amplifier, bandgap voltage reference, PNP pass
transistor with antisaturation control, and current limit.
As the voltage at the input, VIN, is increased (Figure 1),
QN is forward biased via R. QN provides base drive for QP.
As QP becomes forward biased, the output voltage, VOUT,
begins to rise as QP’s output current charges the output
capacitor. Once VOUT rises to a certain level, the error
amplifier becomes biased and provides the appropriate
amount of base current to QP. The error amplifier monitors
the scaled output voltage via an internal voltage divider, R1
and R2, and compares it to the bandgap voltage reference.
The error amplifier’s output is a current which is equal to the
error amplifier’s differential input voltage times its
transconductance. Therefore, the error amplifier varies the
base drive current to QN, which provides bias to QP, based
on the difference between the reference voltage and the
scaled output voltage, VOUT.
Antisaturation Protection
An antisaturation control circuit has also been added to
prevent the pass transistor from going into deep saturation,
which would cause excessive power dissipation due to large
bias currents lost to the substrate via a parasitic PNP
transistor, as shown in Figure 2.
Figure 2. The Parasitic PNP Transistor Which Is
Part of the Pass Transistor (QP) Structure
VOUT
VIN
QP
QParasitic
Substrate
Current Limit Limit
The output stage is protected against short circuit
conditions. As shown in Figure 3, the output current will fold
back when the faulted load is continually increased. This
technique has been incorporated to limit the total power
dissipation across the device during a short circuit condition,
since the device does not contain overtemperature
shutdown.
STABILITY CONSIDERATIONS
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
Figure 3. Typical Current Limit and Fold Back
Waveform
0.0
0.0
Output Voltage
0.34257
0.30831
0.27405
0.23980
0.20554
0.17128
0.13703
0.10277
0.06851
0.03426
0.51 1.02 1.52 2.03 2.54 3.05 3.56 4.06 4.57 5.08
Curve will vary with temperature
and process variation.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.
The value for the output capacitor COUT shown in Figure
4 should work for most applications, however it is not
necessarily the best solution.
Figure 4. Test and Application Circuit Showing
Output Compensation
CS8321
VIN
CIN*
0.1 mF
VOUT
VOUTSense†
COUT**
0.1 mF
*CIN required if regulator is located far from the power
supply filter.
**COUT required for stability. Capacitor must operate at
minimum temperature expected.
†Pin internally shorted to VOUT in 3−pin applications.
To determine an acceptable value for COUT for a particular
application, start with a tantalum capacitor of the


유사한 부품 번호 - CS8321YDPR3G

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS8321YDPR3 CHERRY-CS8321YDPR3 Datasheet
164Kb / 6P
   Micropower 5V, 150mA Low Dropout Linear Regulator
More results

유사한 설명 - CS8321YDPR3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
Analog Devices
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com