전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51031GD8 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 CS51031GD8
상세설명  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031GD8 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button CS51031GD8 Datasheet HTML 2Page - ON Semiconductor CS51031GD8 Datasheet HTML 3Page - ON Semiconductor CS51031GD8 Datasheet HTML 4Page - ON Semiconductor CS51031GD8 Datasheet HTML 5Page - ON Semiconductor CS51031GD8 Datasheet HTML 6Page - ON Semiconductor CS51031GD8 Datasheet HTML 7Page - ON Semiconductor CS51031GD8 Datasheet HTML 8Page - ON Semiconductor CS51031GD8 Datasheet HTML 9Page - ON Semiconductor CS51031GD8 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS51031
http://onsemi.com
6
Buck Regulator Operation
A block diagram of a typical buck regulator is shown in
Figure 4. If we assume that the output transistor is initially
off, and the system is in discontinuous operation, the
inductor current IL is zero and the output voltage is at its
nominal value. The current drawn by the load is supplied by
the output capacitor CO. When the voltage across CO drops
below the threshold established by the feedback resistors R1
and R2 and the reference voltage VREF, the power transistor
Q1 switches on and current flows through the inductor to the
output. The inductor current rises at a rate determined by
(VIN − VOUT)/L. The duty cycle (or “on” time) for the
CS51031 is limited to 80%. If output voltage remains higher
than nominal during the entire COSC change time, the Q1
does not turn on, skipping the pulse.
Figure 4. Buck Regulator Block Diagram
R1
R2
CO
RLOAD
L
D1
Feedback
Control
Q1
CIN
VIN
APPLICATIONS INFORMATION
CS51031 DESIGN EXAMPLE
Specifications 12 V to 5.0 V, 3.0 A Buck Controller
VIN = 12 V ±20% (i.e. 14.4 V max, 12 V nom, 9.6 V
min)
VOUT = 5.0 V ±2%
IOUT = 0.3 A to 3.0 A
Output ripple voltage < 50 mV max
Efficiency > 80%
fSW = 200 kHz
1) Duty Cycle Estimates
Since the maximum duty cycle D, of the CS51031 is
limited to 80% min, it is necessary to estimate the duty cycle
for the various input conditions over the complete operating
range.
The duty cycle for a buck regulator operating in a
continuous conduction mode is given by:
D
+
VOUT ) VF
VIN * VSAT
where:
VSAT = RDS(ON) × IOUT max and RDS(ON) is the value at
TJ 100°C.
If VF = 0.60 V and VSAT = 0.60 V then the above equation
becomes:
DMAX +
5.6
9.0
+ 0.62
DMIN +
5.6
13.8
+ 0.40
2) Switching Frequency and On and Off Time
Calculations
Given that fSW = 200 kHz and DMAX = 0.80
T
+ 1.0
fSW
+ 5.0 ms
TON(max) + T
DMAX + 5.0 ms
0.62
^ 3.0 ms
TON(min) + T
DMIN + 5.0 ms
0.40
^ 2.0 ms
TOFF(max) + TON(min) + 5.0 ms * 2.0 ms + 3.0 ms
3) Oscillator Capacitor Selection
The switching frequency is set by COSC, whose value is
given by:
COSC in pF +
95
10)6
FSW 1 )
FSW
3
106 *
30
103
FSW
2


유사한 부품 번호 - CS51031GD8

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8G ONSEMI-CS51031GD8G Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

유사한 설명 - CS51031GD8

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com