전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51411 데이터시트(PDF) 16 Page - ON Semiconductor

부품명 CS51411
상세설명  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51411 데이터시트(HTML) 16 Page - ON Semiconductor

Back Button CS51411_07 Datasheet HTML 12Page - ON Semiconductor CS51411_07 Datasheet HTML 13Page - ON Semiconductor CS51411_07 Datasheet HTML 14Page - ON Semiconductor CS51411_07 Datasheet HTML 15Page - ON Semiconductor CS51411_07 Datasheet HTML 16Page - ON Semiconductor CS51411_07 Datasheet HTML 17Page - ON Semiconductor CS51411_07 Datasheet HTML 18Page - ON Semiconductor CS51411_07 Datasheet HTML 19Page - ON Semiconductor CS51411_07 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
16
Table 1.
Part Number
VBREAKDOWN (V)
IAVERAGE (A)
V(F) (V) @ IAVERAGE
Package
1N5817
20
1.0
0.45
Axial Lead
1N5818
30
1.0
0.55
Axial Lead
1N5819
40
1.0
0.6
Axial Lead
MBR0520
20
0.5
0.385
SOD−123
MBR0530
30
0.5
0.43
SOD−123
MBR0540
40
0.5
0.53
SOD−123
MBRS120
20
1.0
0.55
SMB
MBRS130
30
1.0
0.395
SMB
MBRS140
40
1.0
0.6
SMB
Table 2.
Vendor
Product Family
Web Site
Telephone
Coiltronics
UNI−Pac1/2: SMT, barrel
THIN−PAC: SMT, toroid, low profile
CTX: Leaded, toroid
www.coiltronics.com
(516) 241−7876
Coilcraft
DO1608: SMT, barrel
DS/DT 1608: SMT, barrel, magnetically shielded
DO3316: SMT, barrel
DS/DT 3316: SMT, barrel, magnetically shielded
DO3308: SMT, barrel, low profile
www.coilcraft.com
(800) 322−2645
Pulse
www.pulseeng.com
(619) 674−8100


유사한 부품 번호 - CS51411_07

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS514113 ONSEMI-CS514113 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS514114 ONSEMI-CS514114 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51411E ONSEMI-CS51411E Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
CS51411E ONSEMI-CS51411E Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

유사한 설명 - CS51411_07

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com