전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS52015-1GSTR3 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 CS52015-1GSTR3
상세설명  1.5 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-1GSTR3 데이터시트(HTML) 6 Page - ON Semiconductor

  CS52015-1GSTR3 Datasheet HTML 1Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 2Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 3Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 4Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 5Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 6Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 7Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 8Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CS52015−1
http://onsemi.com
6
Protection Diodes
When large external capacitors are used with a linear
regulator it is sometimes necessary to add protection diodes.
If the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator. The
discharge current depends on the value of the capacitor, the
output voltage and the rate at which VIN drops. In the
CS52015−1 linear regulator, the discharge path is through a
large junction and protection diodes are not usually needed.
If the regulator is used with large values of output
capacitance and the input voltage is instantaneously shorted
to ground, damage can occur. In this case, a diode connected
as shown in Figure 13 is recommended.
Figure 13. Protection Diode for Large Output
Capacitors
VIN
CS52015−1
VOUT
Adj
R1
R2
VOUT
VIN
C1
C2
CAdj
IN4002 (Optional)
Output Voltage Sensing
Since the CS52015−1 is a three terminal regulator, it is not
possible to provide true remote load sensing. Load
regulation is limited by the resistance of the conductors
connecting the regulator to the load.
For the adjustable regulator, the best load regulation
occurs when R1 is connected directly to the output pin of the
regulator as shown in Figure 14. If R1 is connected to the
load, RC is multiplied by the divider ratio and the effective
resistance between the regulator and the load becomes.
RC
R1 ) R2
R1
where RC = conductor parasitic resistance.
Figure 14. Grounding Scheme for Adjustable Output
Regulator to Minimize Parasitic Resistance Effects
VIN
VIN
VOUT
Adj
CS52015−1
Conductor Parasitic
Resistance
R1
RLOAD
R2
RC
Calculating Power Dissipation and Heat Sink
Requirements
The CS52015−1 linear regulator includes thermal
shutdown and current limit circuitry to protect the device.
High power regulators such as these usually operate at high
junction temperatures so it is important to calculate the
power dissipation and junction temperatures accurately to
ensure that an adequate heat sink is used.
The case is connected to VOUT on the CS52015−1,
electrical isolation may be required for some applications.
Thermal compound should always be used with high current
regulators such as these.
The thermal characteristics of an IC depend on the
following four factors:
1. Maximum Ambient Temperature TA (°C)
2. Power dissipation PD (Watts)
3. Maximum junction temperature TJ (°C)
4. Thermal resistance junction to ambient RqJA (°C/W)
These four are related by the equation
TJ + TA ) PD
RQJA
(1)
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is:
PD(max) + {VIN(max) * VOUT(min)}IOUT(max) ) VIN(max)IQ
(2)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current, for the
application
IQ is the maximum quiescent current at IOUT(max).
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment has a thermal resistance. Like series
electrical resistances, these resistances are summed to
determine RqJA, the total thermal resistance between the
junction and the surrounding air.
1. Thermal Resistance of the junction to case, RqJC
(°C/W)
2. Thermal Resistance of the case to Heat Sink, RqCS
(°C/W)
3. Thermal Resistance of the Heat Sink to the ambient
air, RqSA (°C/W)
These are connected by the equation:
RQJA + RQJC ) RQCS ) RQSA
(3)


유사한 부품 번호 - CS52015-1GSTR3

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS52015-1GSTR3 CHERRY-CS52015-1GSTR3 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
More results

유사한 설명 - CS52015-1GSTR3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com