전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0700 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 HCPL-0700
상세설명  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0700 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  HCPL-0700 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0700 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PACKAGE DIMENSIONS
6/15/05
Page 1 of 12
© 2005 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
DESCRIPTION
The HCPL-0700, HCPL-0701, HCPL-0730 and HCPL-0731 optocouplers consist of an AlGaAs LED optically coupled to a high
gain split darlington photodetector housed in a compact 8-pin small outline package. The HCPL-0730 and HCPL-0731 devices
have two channels per package for optimum mounting density.
The split darlington configuration separating the input photodiode and the first stage gain from the output transistor permits lower
output saturation voltage and higher speed operation than possible with conventional darlington phototransistor optocoupler.
The combination of a very low input current of 0.5 mA and a high current transfer ratio of 2000% makes this family particularly
useful for input interface to MOS, CMOS, LSTTL and EIA RS232C, while output compatibility is ensured to CMOS as well as high
fan-out TTL requirements.
FEATURES
•Low input current – 0.5 mA
Superior CTR – 2000%
Superior CMR – 10 kV/µs
CTR guaranteed 0-70°C
•U.L. Recognized (file# E90700)
VDE 0884 recognized (file# 136616)
– approval pending for HCPL-0730/0731
BSI recognized (file# 8661, 8662)
– HCPL-0700/0701 only
APPLICATIONS
Digital logic ground isolation
•Telephone ring detector
EIA-RS-232C line receiver
High common mode noise
line receiver
µP bus isolation
Current loop receiver
TRUTH TABLE
LED
VO
ON
LOW
OFF
HIGH
NOTE
All dimensions are in inches (millimeters)
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
HCPL0700 / HCPL0701
N/C
N/C
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
HCPL0730 / HCPL0731
V
F2
_
+


유사한 부품 번호 - HCPL-0700

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0700 HP-HCPL-0700 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0700 HP-HCPL-0700 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0700 AVAGO-HCPL-0700 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

유사한 설명 - HCPL-0700

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com