전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM311 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LM311
상세설명  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM311 데이터시트(HTML) 1 Page - ON Semiconductor

  LM311 Datasheet HTML 1Page - ON Semiconductor LM311 Datasheet HTML 2Page - ON Semiconductor LM311 Datasheet HTML 3Page - ON Semiconductor LM311 Datasheet HTML 4Page - ON Semiconductor LM311 Datasheet HTML 5Page - ON Semiconductor LM311 Datasheet HTML 6Page - ON Semiconductor LM311 Datasheet HTML 7Page - ON Semiconductor LM311 Datasheet HTML 8Page - ON Semiconductor LM311 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 5
1
Publication Order Number:
LM211/D
LM211, LM311
Single Comparators
The ability to operate from a single power supply of 5.0 V to 30 V or
$15 V split supplies, as commonly used with operational amplifiers,
makes the LM211/LM311 a truly versatile comparator. Moreover, the
inputs of the device can be isolated from system ground while the
output can drive loads referenced either to ground, the VCC or the VEE
supply. This flexibility makes it possible to drive DTL, RTL, TTL, or
MOS logic. The output can also switch voltages to 50 V at currents to
50 mA, therefore, the LM211/LM311 can be used to drive relays,
lamps or solenoids.
Features
Pb−Free Packages are Available
Figure 1. Typical Comparator Design Configurations
Split Power Supply with Offset Balance
Single Supply
Ground−Referred Load
Load Referred to Positive Supply
Strobe Capability
Output
VEE
Inputs
VCC
RL
1
2
3
4
5
6
7
8
5.0k
3.0k
VCC
VCC
VCC
VCC
VCC
Output
Output
Output
Output
Output
RL
RL
RL
RL
RL
Inputs
Inputs
Inputs
Inputs
Inputs
VEE
VEE
VEE
VEE
VEE
2
3
2
3
2
3
2
3
2
3
4
4
4
4
4
7
8
1
Input polarity is reversed when
GND pin is used as an output.
7
1
8
8
7
6
1
1.0k
TTL Strobe
1
7
8
Load Referred to Negative Supply
1
7
8
Input polarity is reversed when
GND pin is used as an output.
+
+
+
+
+
+
GND
Inputs
VEE
VCC
Output
Balance/Strobe
Balance
(Top View)
1
2
3
4
8
7
6
5
PIN CONNECTIONS
+
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
PDIP−8
N SUFFIX
CASE 626
1
8
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
1
8
LM311AN
AWL
YYWWG
LMx11
ALYW
G
1
8


유사한 부품 번호 - LM311

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM311 NSC-LM311 Datasheet
1Mb / 23P
   Voltage Comparator
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
logo
Texas Instruments
LM311 TI1-LM311 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

유사한 설명 - LM311

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com