전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2574N-15 데이터시트(PDF) 22 Page - ON Semiconductor

부품명 LM2574N-15
상세설명  0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-15 데이터시트(HTML) 22 Page - ON Semiconductor

Back Button LM2574N-15 Datasheet HTML 18Page - ON Semiconductor LM2574N-15 Datasheet HTML 19Page - ON Semiconductor LM2574N-15 Datasheet HTML 20Page - ON Semiconductor LM2574N-15 Datasheet HTML 21Page - ON Semiconductor LM2574N-15 Datasheet HTML 22Page - ON Semiconductor LM2574N-15 Datasheet HTML 23Page - ON Semiconductor LM2574N-15 Datasheet HTML 24Page - ON Semiconductor LM2574N-15 Datasheet HTML 25Page - ON Semiconductor LM2574N-15 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LM2574, NCV2574
http://onsemi.com
22
The LM2574−5 Step−Down Voltage Regulator with 5.0 V @ 0.5 A Output Power Capability.
Typical Application With Through−Hole PC Board Layout
D1
1N5819
L1
330
mH
Output
7
1
Feedback
Unregulated
DC Input
+Vin = 7.0 to 40 V
C2
220
mF
C1
22
mF
LM2574−5
5
3
4ON/OFF
Pwr
Gnd
+Vin
Regulated Output
+Vout = 5.0 V @ 0.5 A
Gnd
Gnd
C1
22
mF, 63 V, Aluminium Electrolytic
C2
220
mF, 16 V, Aluminium Electrolytic
D1
1.0 A, 40 V, Schottky Rectifier, 1N5819
L1
330
mH, RL−1284−330, Renco Electronics
2
Sig
Gnd
Figure 36. Schematic Diagram of the LM2574−5 Step−Down Converter
(12)
(5)
(3)
(14)
(6)
(4)
LM2574−5.0
C1
C2
+
+
U1
L1
D1
Vout
Gnd
Gnd
+Vin
Figure 37. PC Board Layout Component Side
NOTE: Not to scale.
Figure 38. PC Board Layout Copper Side
NOTE: Not to scale.


유사한 부품 번호 - LM2574N-15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2574N-15 NSC-LM2574N-15 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-15 ONSEMI-LM2574N-15 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574N-15 ONSEMI-LM2574N-15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574N-15G ONSEMI-LM2574N-15G Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
More results

유사한 설명 - LM2574N-15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com