전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDX53B 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BDX53B
상세설명  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX53B 데이터시트(HTML) 3 Page - ON Semiconductor

  BDX53B Datasheet HTML 1Page - ON Semiconductor BDX53B Datasheet HTML 2Page - ON Semiconductor BDX53B Datasheet HTML 3Page - ON Semiconductor BDX53B Datasheet HTML 4Page - ON Semiconductor BDX53B Datasheet HTML 5Page - ON Semiconductor BDX53B Datasheet HTML 6Page - ON Semiconductor BDX53B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BDX53B, BDX53C (NPN), BDX54B, BDX54C (PNP)
http://onsemi.com
3
Figure 2. Switching Time Test Circuit
5.0
0.1
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
3.0
0.7
0.5
0.3
0.2
0.05
0.2
0.3
0.7
3.0
10
td @ VBE(off) = 0 V
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
tf
0.07
1.0
5.0
ts
tr
0.1
1.0
2.0
0.5
2.0
7.0
0
VCC
− 30 V
SCOPE
TUT
+ 4.0 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPES, e.g.:
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
ms
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
V2
APPROX
+ 8.0 V
V1
APPROX
−12 V
[ 8.0 k
[ 120
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse all polarities
RB
Figure 4. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
RqJC(t) = r(t) RqJC
RqJC = 1.92°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
SINGLE
PULSE
0.03
0.3
3.0
30
300
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
1.0
Figure 5. Active−Region Safe Operating Area
20
2.0
0.05
10
20
100
TJ = 150°C
0.2
5.0
0.5
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
30
70
1.0
0.1
dc
2.0
50
3.0
5.0 7.0
5.0 ms
1.0 ms
100
ms
BDX53B, BDX54B
BDX53C, BDX54C
CURVES APPLY BELOW RATED VCEO
0.02
500
ms
There are two limitations on the power handling ability of
a transistor average junction temperature and second
breakdown. Safe operating area curves indicate IC −VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk) t 150°C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


유사한 부품 번호 - BDX53B

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BDX53B MOSPEC-BDX53B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX53B ETC-BDX53B Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

유사한 설명 - BDX53B

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com