전자부품 데이터시트 검색엔진 |
|
BUB323Z 데이터시트(PDF) 4 Page - ON Semiconductor |
|
BUB323Z 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 8 page BUB323Z http://onsemi.com 4 Figure 4. Energy Test Criteria for BU323Z The shaded area represents the amount of energy the de- vice can sustain, under given DC biases (IC/IB/VBE(off)/ RBE), without an external clamp; see the test schematic dia- gram, Figure 2. The transistor PASSES the Energy test if, for the inductive load and ICPEAK/IB/VBE(off) biases, the VCE remains outside the shaded area and greater than the VGATE minimum limit, Figure 4a. The transistor FAILS if the VCE is less than the VGATE (minimum limit) at any point along the VCE/IC curve as shown on Figures 4b, and 4c. This assures that hot spots and uncontrolled avalanche are not being generated in the die, and the transistor is not damaged, thus enabling the sustained energy level required. The transistor FAILS if its Collector/Emitter breakdown voltage is less than the VGATE value, Figure 4d. ICPEAK (a) IC IC HIGH IC LOW VCE VGATE MIN ICPEAK IC IC HIGH IC LOW VCE VGATE MIN (b) ICPEAK IC IC HIGH IC LOW VCE VGATE MIN (c) ICPEAK IC IC HIGH IC LOW VCE VGATE MIN (d) |
유사한 부품 번호 - BUB323Z_05 |
|
유사한 설명 - BUB323Z_05 |