전자부품 데이터시트 검색엔진 |
|
MBR1100 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MBR1100 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 4 page MBR1100 http://onsemi.com 2 THERMAL CHARACTERISTICS (See Note 4) Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Ambient RqJA See Note 3 °C/W ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) Characteristic Symbol Max Unit Maximum Instantaneous Forward Voltage (Note 2) (iF = 1 A, TL = 25°C) (iF = 1 A, TL = 100°C) VF 0.79 0.69 V Maximum Instantaneous Reverse Current @ Rated dc Voltage (Note 2) (TL = 25°C) (TL = 100°C) iR 0.5 5.0 mA 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%. Figure 1. Typical Forward Voltage Figure 2. Typical Reverse Current { Figure 3. Current Derating (Mounting Method 3 per Note 3) Figure 4. Power Dissipation 0.6 0.9 0 vF, INSTANTANEOUS VOLTAGE (VOLTS) 20 10 2.0 5.0 1.0 VR, REVERSE VOLTAGE (VOLTS) 60 90 0 0.2 0.04 0.02 0.01 120 160 0 TA, AMBIENT TEMPERATURE (°C) 4.0 3.0 2.0 1.0 0 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 1.0 0 4.0 3.0 2.0 1.0 0 2.0 140 0.5 0.2 0.1 0.3 0.1 0.2 0.4 0.5 0.7 0.8 70 80 10 20 30 40 50 0.1 0.4 1.0 20 40 60 80 100 3.0 4.0 5.0 0.05 0.02 1.1 1.4 1.0 1.2 1.3 100 4.0 2.0 10 20 100 40 200 1 K 400 200 180 SQUARE WAVE dc SQUARE WAVE dc TJ = 150°C 100°C 25°C TJ = 150°C 125°C 100°C { The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. |
유사한 부품 번호 - MBR1100_06 |
|
유사한 설명 - MBR1100_06 |