전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR1100 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MBR1100
상세설명  Axial Lead Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1100 데이터시트(HTML) 3 Page - ON Semiconductor

  MBR1100_06 Datasheet HTML 1Page - ON Semiconductor MBR1100_06 Datasheet HTML 2Page - ON Semiconductor MBR1100_06 Datasheet HTML 3Page - ON Semiconductor MBR1100_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR1100
http://onsemi.com
3
Figure 5. Typical Capacitance
20
40
0
VR, REVERSE VOLTAGE (VOLTS)
150
50
40
30
20
15
30
50
100
60
100
10
70
80
90
70
60
90
80
TJ = 25°C
fTEST = 1 MHz
NOTE 3 — MOUNTING DATA:
Data shown for thermal resistance junction−to−ambient
(RqJA) for the mounting shown is to be used as a typical
guideline values for preliminary engineering or in case the
tie point temperature cannot be measured.
Typical Values for RqJA in Still Air
Mounting
Method
Lead Length, L (in)
RqJA
1/8
1/4
1/2
3/4
1
52
65
72
85
°C/W
2
67
80
87
100
°C/W
3
50
°C/W
Mounting Method 1
P.C. Board with
1−1/2
″ x 1−1/2″
copper surface.
Mounting Method 3
P.C. Board with
1−1/2
″ x 1−1/2″
copper surface.
BOARD GROUND
PLANE
Mounting Method 2
LL
LL
L = 3/8″
NOTE 4 — THERMAL CIRCUIT MODEL:
(For heat conduction through the leads)
TA(A)
TA(K)
TL(A)
TC(A)
TJ
TC(K)
TL(K)
PD
RqS(A)
RqL(A)
RqJ(A)
RqJ(K
)
RqL(K)
RqS(K)
Use of the above model permits junction to lead thermal
resistance for any mounting configuration to be found. For
a given total lead length, lowest values occur when one side
of the rectifier is brought as close as possible to the heat sink.
Terms in the model signify:
TA = Ambient Temperature TC = Case Temperature
TL = Lead Temperature
TJ = Junction Temperature
RqS = Thermal Resistance, Heat Sink to Ambient
RqL = Thermal Resistance, Lead to Heat Sink
RqJ = Thermal Resistance, Junction to Case
PD = Power Dissipation
(Subscripts A and K refer to anode and cathode sides,
respectively.) Values for thermal resistance components are:
RqL = 100°C/W/in typically and 120°C/W/in maximum.
RqJ = 36°C/W typically and 46°C/W maximum.
NOTE 5 — HIGH FREQUENCY OPERATION:
Since current flow in a Schottky rectifier is the result of
majority carrier conduction, it is not subject to junction
diode forward and reverse recovery transients due to
minority carrier injection and stored charge. Satisfactory
circuit analysis work may be performed by using a model
consisting of an ideal diode in parallel with a variable
capacitance. (See Figure 5)
Rectification
efficiency
measurements
show
that
operation will be satisfactory up to several megahertz. For
example, relative waveform rectification efficiency is
approximately 70 percent at 2 MHz, e.g., the ratio of dc
power to RMS power in the load is 0.28 at this frequency,
whereas perfect rectification would yield 0.406 for sine
wave inputs. However, in contrast to ordinary junction
diodes, the loss in waveform efficiency is not indicative of
power loss: it is simply a result of reverse current flow
through the diode capacitance, which lowers the dc output
voltage.


유사한 부품 번호 - MBR1100_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MBR1100-M3 VISHAY-MBR1100-M3 Datasheet
118Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
logo
Pan Jit International I...
MBR1100CT PANJIT-MBR1100CT Datasheet
430Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
MBR1100CT GXELECTRONICS-MBR1100CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBR1100CT SMC-MBR1100CT Datasheet
252Kb / 6P
   Switching power supply
MBR1100CT-1 SMC-MBR1100CT-1 Datasheet
252Kb / 6P
   Switching power supply
More results

유사한 설명 - MBR1100_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
   Axial Lead Rectifier
May, 2006 ??Rev. 3
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR3100 ONSEMI-MBR3100_06 Datasheet
58Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR1100 ONSEMI-MBR1100_16 Datasheet
67Kb / 4P
   Axial Lead Rectifier
February, 2016 ??Rev. 7
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
NTE Electronics
NTE579 NTE-NTE579 Datasheet
15Kb / 1P
   Silicon Axial Lead Rectifier
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com