전자부품 데이터시트 검색엔진 |
|
MC33066P 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MC33066P 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 11 page MC34066, MC33066 http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Power Input Supply Voltage VCC 20 V Drive Output Current, Source or Sink (Note 1) Continuous Pulsed (0.5 μs, 25% Duty Cycle) IO 0.3 1.5 A Error Amplifier, Fault, One−Shot, Oscillator, and Soft−Start Inputs Vin −1.0 to +6.0 V UVLO Adjust Input Vin(UVLO) −1.0 to VCC V Soft−Start Discharge Current Idchg 20 mA Power Dissipation and Thermal Characteristics DW Suffix Package, Case 751G Maximum Power Dissipation @ TA = 25°C Thermal Resistance, Junction−to−Air P Suffix Package, Case 648 Maximum Power Dissipation @ TA = 25°C Thermal Resistance, Junction−to−Air PD RθJA PD RθJA 862 145 1.25 100 mW °C/W W °C/W Operating Junction Temperature TJ +150 °C Operating Ambient Temperature MC34066 MC33066 TA 0 to +70 −40 to +85 °C Storage Temperature Range Tstg −65 to +150 °C ELECTRICAL CHARACTERISTICS (VCC = 12 V [Note 2], ROSC = 95.3 k, RDT = 0 Ω, RVFO = 5.62 k, COSC = 300 pF, RT = 14.3 k, CT = 300 pF, CL = 1.0 nF, for typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies [Note 3], unless otherwise noted.) Characteristics Symbol Min Typ Max Unit REFERENCE SECTION Reference Output Voltage (IO = 0 mA, TA = 25°C) Vref 5.0 5.1 5.2 V Line Regulation (VCC = 10 V to 18 V) Regline − 1.0 20 mV Load Regulation (IO = 0 mA to 10 mA) Regload − 1.0 20 mV Total Output Variation over Line, Load, and Temperature Vref 4.9 − 5.3 mV Output Short Circuit Current IO 25 100 190 mA Reference Undervoltage Lockout Threshold Vth 3.8 4.3 4.8 V ERROR AMPLIFIER Input Offset Voltage (VCM = 1.5 V) VIO − 1.0 10 mV Input Bias Current (VCM = 1.5 V) IIB − 0.2 1.0 μA Input Offset Current (VCM = 1.5 V) IIO − 0 0.5 μA Open Loop Voltage Gain (VCM = 1.5 V, VO = 2.0 V) AVOL 70 100 − dB Gain Bandwidth Product (f = 100 kHz) GBW 2.5 4.2 − MHz Input Common Mode Rejection Ratio (VCM = 1.5 V to 5.0 V) CMRR 70 95 − dB Power Supply Rejection Ratio (VCC = 10 V to 18 V, f = 120 Hz) PSRR 80 100 − dB Output Voltage Swing High State with Respect to Pin 3 (ISource = 2.0 mA) Low State with Respect to Ground (ISink = 1.0 mA) VOH VOL 2.3 − 2.7 0.4 3.1 0.6 V 1. Maximum package power dissipation limits must be observed. 2. Adjust VCC above the Startup threshold before setting to 12 V. 3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. Tlow =0°C for MC34066 Thigh = +70°C for MC34066 −40°C for MC33066 +85°C for MC33066 |
유사한 부품 번호 - MC33066P |
|
유사한 설명 - MC33066P |