전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E111 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC10E111
상세설명  5V ECL 1:9 Differential Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E111 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC10E111_06 Datasheet HTML 2Page - ON Semiconductor MC10E111_06 Datasheet HTML 3Page - ON Semiconductor MC10E111_06 Datasheet HTML 4Page - ON Semiconductor MC10E111_06 Datasheet HTML 5Page - ON Semiconductor MC10E111_06 Datasheet HTML 6Page - ON Semiconductor MC10E111_06 Datasheet HTML 7Page - ON Semiconductor MC10E111_06 Datasheet HTML 8Page - ON Semiconductor MC10E111_06 Datasheet HTML 9Page - ON Semiconductor MC10E111_06 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC10E111, MC100E111
http://onsemi.com
10
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10E111/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


유사한 부품 번호 - MC10E111_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E111FNG ONSEMI-MC10E111FNG Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111FNR2G ONSEMI-MC10E111FNR2G Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results

유사한 설명 - MC10E111_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E411 ONSEMI-MC10E411_06 Datasheet
127Kb / 8P
   5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer
November, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com