전자부품 데이터시트 검색엔진 |
|
MC10E111FNG 데이터시트(PDF) 4 Page - ON Semiconductor |
|
MC10E111FNG 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 10 page MC10E111, MC100E111 http://onsemi.com 4 Table 3. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 1) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 41 60 42 60 43 60 mA VOH Output HIGH Voltage (Note 2) 3920 4030 4110 4020 4105 4190 4090 4185 4280 mV VOL Output LOW Voltage (Note 2) 3050 3230 3350 3050 3210 3370 3050 3227 3405 mV VIH Input HIGH Voltage (Single−Ended) 3870 4030 4190 3870 4030 4190 3940 4110 4280 mV VIL Input LOW Voltage (Single−Ended) 3050 3285 3520 3050 3285 3520 3050 3302 3555 mV VBB Output Voltage Reference 3.6 3.73 3.65 3.75 3.69 3.90 V VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) 3.4 4.6 3.4 4.6 3.4 4.6 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.25 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 3. VIHCMR min and max vary 1:1 with VCC. Table 4. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 4) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 41 60 42 60 43 60 mA VOH Output HIGH Voltage (Note 5) −1080 −970 −890 −980 −895 −810 −910 −815 −720 mV VOL Output LOW Voltage (Note 5) −1950 −1770 −1650 −1950 −1790 −1630 −1950 −1773 −1595 mV VIH Input HIGH Voltage (Single−Ended) −1130 −970 −810 −1130 −970 −810 −1060 −890 −720 mV VIL Input LOW Voltage (Single−Ended) −1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445 mV VBB Output Voltage Reference −1.40 −1.27 −1.35 −1.25 −1.31 −1.19 V VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 6) −1.6 −0.4 −1.6 −0.4 1.6 −0.4 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.065 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 5. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 6. VIHCMR min and max vary 1:1 with VCC. |
유사한 부품 번호 - MC10E111FNG |
|
유사한 설명 - MC10E111FNG |