전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL01 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC100EL01
상세설명  5V ECL 4-Input OR/NOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL01 데이터시트(HTML) 5 Page - ON Semiconductor

  MC100EL01 Datasheet HTML 1Page - ON Semiconductor MC100EL01 Datasheet HTML 2Page - ON Semiconductor MC100EL01 Datasheet HTML 3Page - ON Semiconductor MC100EL01 Datasheet HTML 4Page - ON Semiconductor MC100EL01 Datasheet HTML 5Page - ON Semiconductor MC100EL01 Datasheet HTML 6Page - ON Semiconductor MC100EL01 Datasheet HTML 7Page - ON Semiconductor MC100EL01 Datasheet HTML 8Page - ON Semiconductor MC100EL01 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10EL01, MC100EL01
http://onsemi.com
5
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EL01D
SOIC−8
98 Units / Rail
MC10EL01DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL01DR2
SOIC−8
2500 / Tape & Reel
MC10EL01DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL01DT
TSSOP−8
100 Units / Rail
MC10EL01DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EL01DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL01DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL01MNR4
DFN8
1000 / Tape & Reel
MC10EL01MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL01D
SOIC−8
98 Units / Rail
MC100EL01DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL01DR2
SOIC−8
2500 / Tape & Reel
MC100EL01DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL01DT
TSSOP−8
100 Units / Rail
MC100EL01DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EL01DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL01DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL01MNR4
DFN8
1000 / Tape & Reel
MC100EL01MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - MC100EL01

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL01 ONSEMI-MC100EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
MC100EL01D ONSEMI-MC100EL01D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL01DG ONSEMI-MC100EL01DG Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
MC100EL01DR2G ONSEMI-MC100EL01DR2G Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
MC100EL01DTG ONSEMI-MC100EL01DTG Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
More results

유사한 설명 - MC100EL01

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com