전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ11030G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MJ11030G
상세설명  High?묬urrent Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11030G 데이터시트(HTML) 1 Page - ON Semiconductor

  MJ11030G Datasheet HTML 1Page - ON Semiconductor MJ11030G Datasheet HTML 2Page - ON Semiconductor MJ11030G Datasheet HTML 3Page - ON Semiconductor MJ11030G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 5
1
Publication Order Number:
MJ11028/D
MJ11028, MJ11030,
MJ11032 (NPN)
MJ11029, MJ11033 (PNP)
High−Current
Complementary Silicon
Power Transistors
High−Current Complementary Silicon Power Transistors are for use
as output devices in complementary general purpose amplifier
applications.
Features
High DC Current Gain − hFE = 1000 (Min) @ IC = 25 Adc
hFE = 400 (Min) @ IC = 50 Adc
Curves to 100 A (Pulsed)
Diode Protection to Rated IC
Monolithic Construction with Built−In Base−Emitter Shunt Resistor
Junction Temperature to +200_C
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJ11028/29
MJ11030
MJ11032/33
VCEO
60
90
120
Vdc
Collector−Base Voltage
MJ11028/29
MJ11030
MJ11032/33
VCBO
60
90
120
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
− Peak (Note 1)
IC
50
100
Adc
Base Current − Continuous
IB
2.0
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25
°C @ TC = 100_C
PD
300
1.71
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 55 to +200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Lead Temperature for
Soldering Purposes for
v 10 seconds
TL
275
_C
Thermal Resistance, Junction−to−Case
RqJC
0.58
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5
ms, Duty Cycle ≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−204 (TO−3)
CASE 197A
STYLE 1
50 AMPERE
COMPLEMENTARY
DARLINGTON POWER
TRANSISTORS
60 − 120 VOLTS
300 WATTS
MARKING DIAGRAM
MJ110xx = Device Code
xx = 28, 29, 30, 32, 33
G
= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
http://onsemi.com
MJ110xxG
AYYWW
MEX
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MJ11030G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJ11030G ONSEMI-MJ11030G Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
More results

유사한 설명 - MJ11030G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N5684 ONSEMI-2N5684_06 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
MJ14001 ONSEMI-MJ14001_05 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com