전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJD18002D2 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MJD18002D2
상세설명  POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD18002D2 데이터시트(HTML) 5 Page - ON Semiconductor

  MJD18002D2 Datasheet HTML 1Page - ON Semiconductor MJD18002D2 Datasheet HTML 2Page - ON Semiconductor MJD18002D2 Datasheet HTML 3Page - ON Semiconductor MJD18002D2 Datasheet HTML 4Page - ON Semiconductor MJD18002D2 Datasheet HTML 5Page - ON Semiconductor MJD18002D2 Datasheet HTML 6Page - ON Semiconductor MJD18002D2 Datasheet HTML 7Page - ON Semiconductor MJD18002D2 Datasheet HTML 8Page - ON Semiconductor MJD18002D2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MJD18002D2
http://onsemi.com
5
Typical Static Characteristics
Figure 7. Base−Emitter Saturation Region
IC/IB = 5
IC, COLLECTOR CURRENT (AMPS)
10
1
10
1
0.1
0.01
0.001
Figure 8. Base−Emitter Saturation Region
IC/IB = 10
0.1
IC, COLLECTOR CURRENT (AMPS)
10
1
10
1
0.1
0.01
0.001
0.1
Figure 9. Base−Emitter Saturation Region
IC/IB = 20
IC, COLLECTOR CURRENT (AMPS)
10
1
10
1
0.1
0.01
0.001
Figure 10. Forward Diode Voltage
0.1
REVERSE EMITTER−COLLECTOR CURRENT (AMPS)
10
1
10
1
0.1
0.01
0.1
TJ = 125°C
−20
°C
25
°C
TJ = 125°C
−20
°C
25
°C
TJ = 125°C
−20
°C
25
°C
VEC(V) = −20°C
125
°C
25
°C
IC/IB = 10
IC/IB = 5
IC/IB = 20
Typical Switching Characteristics
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
10
1
1
IC, COLLECTOR CURRENT (AMPS)
3000
2000
1.6
0.4
0.1
0
10
1000
Figure 12. Resistive Switch Time, ton
100
1000
2500
500
1500
Cib (pF)
Cob (pF)
TJ = 25°C
f(test) = 1 MHz
0.7
1
1.3
IBon = IBoff
VCC = 300 V
PW = 40
ms
TJ = 125°C
TJ = 25°C
IC/IB = 5
IC/IB = 10


유사한 부품 번호 - MJD18002D2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
logo
Micro Commercial Compon...
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
   Silicon NPN epitaxial planer Transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112 Datasheet
147Kb / 8P
   Complementary Darlington Power Transistors
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
MJD112 WINNERJOIN-MJD112 Datasheet
109Kb / 2P
   TO-251/TO-252-2 Plastic-Encapsulate Transistors
More results

유사한 설명 - MJD18002D2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
   50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com