전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP35 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 MC10EP35
상세설명  3.3V / 5V ECL JK Flip?묯lop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP35 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button MC10EP35_06 Datasheet HTML 3Page - ON Semiconductor MC10EP35_06 Datasheet HTML 4Page - ON Semiconductor MC10EP35_06 Datasheet HTML 5Page - ON Semiconductor MC10EP35_06 Datasheet HTML 6Page - ON Semiconductor MC10EP35_06 Datasheet HTML 7Page - ON Semiconductor MC10EP35_06 Datasheet HTML 8Page - ON Semiconductor MC10EP35_06 Datasheet HTML 9Page - ON Semiconductor MC10EP35_06 Datasheet HTML 10Page - ON Semiconductor MC10EP35_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC10EP35, MC100EP35
http://onsemi.com
7
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EP35D
SOIC−8
98 Units / Rail
MC10EP35DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EP35DR2
SOIC−8
2500 / Tape & Reel
MC10EP35DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EP35DT
TSSOP−8
100 Units / Rail
MC10EP35DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EP35DTR2
TSSOP−8
2500 / Tape & Reel
MC10EP35DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EP35MNR4
DFN8
1000 / Tape & Reel
MC10EP35MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EP35D
SOIC−8
98 Units / Rail
MC100EP35DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EP35DR2
SOIC−8
2500 / Tape & Reel
MC100EP35DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC3100EP35DT
TSSOP−8
100 Units / Rail
MC3100EP35DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EP35DTR2
TSSOP−8
2500 / Tape & Reel
MC100EP35DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EP35MNR4
DFN8
1000 / Tape & Reel
MC100EP35MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - MC10EP35_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP35D ONSEMI-MC10EP35D Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
MC10EP35D ONSEMI-MC10EP35D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP35DG ONSEMI-MC10EP35DG Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC10EP35DR2 ONSEMI-MC10EP35DR2 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
MC10EP35DR2G ONSEMI-MC10EP35DR2G Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
More results

유사한 설명 - MC10EP35_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EL35 ONSEMI-MC10EL35_06 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC74AC109 ONSEMI-MC74AC109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EL35 ONSEMI-MC10EL35_16 Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com