전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H016FNG 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC10H016FNG
상세설명  4?묪it Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H016FNG 데이터시트(HTML) 2 Page - ON Semiconductor

  MC10H016FNG Datasheet HTML 1Page - ON Semiconductor MC10H016FNG Datasheet HTML 2Page - ON Semiconductor MC10H016FNG Datasheet HTML 3Page - ON Semiconductor MC10H016FNG Datasheet HTML 4Page - ON Semiconductor MC10H016FNG Datasheet HTML 5Page - ON Semiconductor MC10H016FNG Datasheet HTML 6Page - ON Semiconductor MC10H016FNG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10H016
http://onsemi.com
2
Figure 1. Pin Assignment
VCC1
Q1
Q0
TC
PE
CE
PO
VEE
VCC2
Q2
Q3
CP
MR
P3
P2
P1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual−in−Line Package
Table 1. TRUTH TABLE
CE
PE
MR
CP
Function
L
H
L
H
X
X
L
L
H
H
X
X
L
L
L
L
L
H
Z
Z
Z
Z
ZZ
X
Load Parallel (Pn to Qn)
Load Parallel (Pn to Qn)
Count
Hold
Masters Respond; Slaves Hold
Reset (Qn = LOW, TC = HIGH)
Z = Clock Pulse (Low to High);ZZ = Clock Pulse (High to Low)
Features include assertion inputs and outputs on each of the
four master/slave counting flip−flops. Terminal count is gener-
ated internally in a manner that allows synchronous loading at
nearly the speed of the basic counter.
Table 2. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
Plastic
Ceramic
−55 to +150
−55 to +165
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


유사한 부품 번호 - MC10H016FNG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H016FNR2G ONSEMI-MC10H016FNR2G Datasheet
150Kb / 5P
   4?륛it Binary Counter
August, 2016 ??Rev. 9
More results

유사한 설명 - MC10H016FNG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT393A ONSEMI-MC74VHCT393A Datasheet
249Kb / 9P
   Dual 4?묪it Binary Ripple Counter
June, 2006 ??Rev. 1
MC14020B ONSEMI-MC14020B_05 Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC14040B ONSEMI-MC14040B_05 Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com