전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MKP3V120 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MKP3V120
부품 상세설명  Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP3V120 데이터시트(HTML) 3 Page - ON Semiconductor

  MKP3V120_06 Datasheet HTML 1Page - ON Semiconductor MKP3V120_06 Datasheet HTML 2Page - ON Semiconductor MKP3V120_06 Datasheet HTML 3Page - ON Semiconductor MKP3V120_06 Datasheet HTML 4Page - ON Semiconductor MKP3V120_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MKP3V120, MKP3V240
http://onsemi.com
3
CURRENT DERATING
Figure 1. Maximum Case Temperature
Figure 2. Maximum Ambient Temperature
Figure 3. Typical Forward Voltage
Figure 4. Typical Power Dissipation
0.8
0
IT(AV), AVERAGE ON−STATE CURRENT (AMPS)
120
IT(AV), AVERAGE ON−STATE CURRENT (AMPS)
0.4
1.0
1.1
0.8
VT, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
0.3
0.4
0.2
0.1
0.9
1.2
0.2
0.6
100
0.6
1.0
130
1.0
0
100
60
20
0.4
0.2
0.6
40
80
0.2
0.6
0
IT(AV), AVERAGE ON−STATE CURRENT (AMPS)
0.50
0.75
0.25
0.4
0.8
1.00
1.25
1.6
1.2
1.0
1.4
2.0
1.8
110
90
80
0.8
1.2
1.4
1.3
1.0
25
°C
125
°C
α
0.8
α = Conduction Angle
TJ Rated = 125°C
α
α = Conduction Angle
TJ Rated = 125°C
α
α = Conduction Angle
TJ Rated = 125°C
1.6
1.8
2.0
0
120
140
a = 180°
a = 180°
a = 180°


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn