전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H164M 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10H164M
상세설명  8?묹ine Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H164M 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10H164M Datasheet HTML 1Page - ON Semiconductor MC10H164M Datasheet HTML 2Page - ON Semiconductor MC10H164M Datasheet HTML 3Page - ON Semiconductor MC10H164M Datasheet HTML 4Page - ON Semiconductor MC10H164M Datasheet HTML 5Page - ON Semiconductor MC10H164M Datasheet HTML 6Page - ON Semiconductor MC10H164M Datasheet HTML 7Page - ON Semiconductor MC10H164M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 8
1
Publication Order Number:
MC10H164/D
MC10H164
8−Line Multiplexer
Description
The MC10H164 is a MECL 10H
™ part which is a functional/pinout
duplication of the standard MECL 10K
™ family part, with 100%
improvement in propagation delay, and no increase in power supply
current.
The MC10H164 is designed to be used in data multiplexing and
parallel to serial conversion applications. Full parallel gating provides
equal delays through any data path. The MC10H164 incorporates an
output buffer, eight inputs and an enable. A high on the enable forces
the output low. The open emitter output allows the MC10H164 to be
connected directly to a data bus. The enable line allows an easy means
of expanding to more than 8 lines using additional MC10H164’s.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation, 310 mW Typical (same as MECL 10K)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K−Compatible
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H164P
AWLYYWWG
1
16
MC10H164L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H164
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H164G
AWLYYWW
120


유사한 부품 번호 - MC10H164M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H164 ONSEMI-MC10H164 Datasheet
117Kb / 4P
   8-Line Multiplexer
March, 2000 ??Rev. 7
MC10H164 ONSEMI-MC10H164 Datasheet
138Kb / 8P
   8 LINE MULTIPLEXER
March, 2000 ??Rev. 7
MC10H164 ONSEMI-MC10H164 Datasheet
147Kb / 6P
   8?륧ine Multiplexer
August, 2016 ??Rev. 9
MC10H164FN ONSEMI-MC10H164FN Datasheet
138Kb / 8P
   8 LINE MULTIPLEXER
March, 2000 ??Rev. 7
MC10H164FNG ONSEMI-MC10H164FNG Datasheet
147Kb / 6P
   8?륧ine Multiplexer
August, 2016 ??Rev. 9
More results

유사한 설명 - MC10H164M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H164 ONSEMI-MC10H164 Datasheet
117Kb / 4P
   8-Line Multiplexer
March, 2000 ??Rev. 7
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com