전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H680 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10H680
상세설명  4?묪it Differential ECL Bus to TTL Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H680 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10H680 Datasheet HTML 1Page - ON Semiconductor MC10H680 Datasheet HTML 2Page - ON Semiconductor MC10H680 Datasheet HTML 3Page - ON Semiconductor MC10H680 Datasheet HTML 4Page - ON Semiconductor MC10H680 Datasheet HTML 5Page - ON Semiconductor MC10H680 Datasheet HTML 6Page - ON Semiconductor MC10H680 Datasheet HTML 7Page - ON Semiconductor MC10H680 Datasheet HTML 8Page - ON Semiconductor MC10H680 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC10H680, MC100H680
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Parameter
Symbols
Rating
Unit
Power Supply Voltage
VEE (ECL)
−8.0 to 0
Vdc
Power Supply Voltage
VCCT (TTL)
−0.5 to +7.0
Vdc
Input Voltage
VI (ECL)
VI (TTL)
0.0 to VEE
−0.5 to +7.0
Vdc
Disabled 3−State Output
Vout (TTL)
0.0 to VCCT
Vdc
Output Source Current Continuous
Iout (ECL)
100
mAdc
Output Source Current Surge
Iout (ECL)
200
mAdc
Storage Temperature
Tstg
−65 to 150
°C
Operating Temperature
Tamb
0.0 to +75
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. DC CHARACTERISTICS, ECL VCCT = +5.0 V ± 10%, VEE = −5.2 ± 5% (10H Version);
VEE = −4.2 V to −5.5 V (100H Version)
Symbol
TA = 0°C
TA = 25°C
TA = 75°C
Parameter
Condition
Min
Max
Min
Max
Min
Max
Unit
IEE
Supply Current/ECL
−110
−110
−110
mA
IINH
Input HIGH Current
255
175
175
mA
IINL
Input LOW Current
0.5
0.5
0.3
mA
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
25 W to −2.1 V
−1100
−2.1
−840
−2.03
−1100
−2.1
−810
−2.03
−1100
−2.1
−735
−2.03
mV
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. 10H DC CHARACTERISTICS (CONTROL INPUTS ONLY), ECL VCCT = +5.0 ± 10%, VEE = −5.2 ± 5%
Symbol
TA = 05C
TA = 255C
TA = 755C
Parameter
Min
Max
Min
Max
Min
Max
Unit
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1170
−1950
−840
−1480
−1130
−1950
−810
−1480
−1070
−1950
−735
−1450
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


유사한 부품 번호 - MC10H680

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H680FN ONSEMI-MC10H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H680FNR2 ONSEMI-MC10H680FNR2 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
More results

유사한 설명 - MC10H680

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com