전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD7000LT1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMBD7000LT1G
상세설명  Dual Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD7000LT1G 데이터시트(HTML) 1 Page - ON Semiconductor

  MMBD7000LT1G Datasheet HTML 1Page - ON Semiconductor MMBD7000LT1G Datasheet HTML 2Page - ON Semiconductor MMBD7000LT1G Datasheet HTML 3Page - ON Semiconductor MMBD7000LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 3
1
Publication Order Number:
MMBD7000LT1/D
MMBD7000LT1
Preferred Device
Dual Switching Diode
Features
Pb−Free Packages are Available
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1)TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to
Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate, (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
http://onsemi.com
MARKING DIAGRAM
SOT−23 (TO−236AB)
CASE 318−08
STYLE 8
1
2
3
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MMBD7000LT1
SOT−23
3000 Tape & Reel
MMBD7000LT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
M5C M
M5C
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
1
ANODE
3
CATHODE/ANODE
2
CATHODE
MMBD7000LT3
SOT−23
10,000 Tape & Reel
MMBD7000LT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel


유사한 부품 번호 - MMBD7000LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
MMBD7000LT1G ONSEMI-MMBD7000LT1G Datasheet
133Kb / 4P
   Dual Switching Diode
November, 2011 ??Rev. 6
MMBD7000LT1G ONSEMI-MMBD7000LT1G Datasheet
90Kb / 4P
   Dual Switching Diode
October, 2016 ??Rev. 7
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
More results

유사한 설명 - MMBD7000LT1G

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
   Dual Switching Diode
October, 2010 -- Rev. 3
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com