전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80C51RA2-MCB 데이터시트(PDF) 5 Page - International Rectifier

부품명 TS80C51RA2-MCB
상세설명  High Performance 8-bit Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

TS80C51RA2-MCB 데이터시트(HTML) 5 Page - International Rectifier

  TS80C51RA2-MCB Datasheet HTML 1Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 2Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 3Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 4Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 5Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 6Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 7Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 8Page - International Rectifier TS80C51RA2-MCB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
5
4188E–8051–08/06
AT/TS8xC51Rx2
Table 4-1.
All SFRs with their address and their reset value
Bit
addressable
Non Bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
CH
0000 0000
CCAP0H
XXXX XXXX
CCAP1H
XXXX XXXX
CCAPL2H
XXXX XXXX
CCAPL3H
XXXX XXXX
CCAPL4H
XXXX XXXX
FFh
F0h
B
0000 0000
F7h
E8h
P5 bit
addressable
1111 1111
CL
0000 0000
CCAP0L
XXXX XXXX
CCAP1L
XXXX XXXX
CCAPL2L
XXXX XXXX
CCAPL3L
XXXX XXXX
CCAPL4L
XXXX XXXX
EFh
E0h
ACC
0000 0000
E7h
D8h
CCON
00X0 0000
CMOD
00XX X000
CCAPM0
X000 0000
CCAPM1
X000 0000
CCAPM2
X000 0000
CCAPM3
X000 0000
CCAPM4
X000 0000
DFh
D0h
PSW
0000 0000
D7h
C8h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0h
P4 bit
addressable
1111 1111
P5 byte
addressable
1111 1111
C7h
B8h
IP
X000 000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IPH
X000 0000
B7h
A8h
IE
0000 0000
SADDR
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX0XX0
WDTRST
XXXX XXXX
WDTPRG
XXXX X000
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
XXXXXX00
CKCON
XXXX XXX0
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
reserved


유사한 부품 번호 - TS80C51RA2-MCB

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS80C51RA2-MCB ATMEL-TS80C51RA2-MCB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-MCB ATMEL-TS80C51RA2-MCB Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
TS80C51RA2-MCBB ATMEL-TS80C51RA2-MCBB Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
TS80C51RA2-MCBD ATMEL-TS80C51RA2-MCBD Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
TS80C51RA2-MCBR ATMEL-TS80C51RA2-MCBR Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
More results

유사한 설명 - TS80C51RA2-MCB

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com