전자부품 데이터시트 검색엔진 |
|
MC74ACT05DR2G 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MC74ACT05DR2G 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 10 page MC74AC05, MC74ACT05 http://onsemi.com 3 DC CHARACTERISTICS Symbol Parameter VCC (V) 74AC 74AC Unit Conditions TA = +25°C TA = −40°C to +85°C Typ Guaranteed Limits VIH Minimum High Level Input Voltage 3.0 1.5 2.1 2.1 VOUT = 0.1 V 4.5 2.25 3.15 3.15 V or VCC − 0.1 V 5.5 2.75 3.85 3.85 VIL Maximum Low Level Input Voltage 3.0 1.5 0.9 0.9 VOUT = 0.1 V 4.5 2.25 1.35 1.35 V or VCC − 0.1 V 5.5 2.75 1.65 1.65 VOL Maximum Low Level Output Voltage 3.0 0.002 0.1 0.1 IOUT = 50 mA 4.5 0.001 0.1 0.1 V 5.5 0.001 0.1 0.1 V *VIN = VIL or VIH 3.0 − 0.36 0.44 12 mA 4.5 − 0.36 0.44 IOL 24 mA 5.5 − 0.36 0.44 24 mA IIN Maximum Input Leakage Current 5.5 − ±0.1 ±1.0 mA VI = VCC, GND IOLD †Minimum Dynamic Output Current 5.5 − − 75 mA VOLD = 1.65 V Max IOHD 5.5 − − −75 mA VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 − 4.0 40 mA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one output loaded at a time. NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V. AC CHARACTERISTICS Symbol Parameter VCC* (V) 74AC 74AC Unit TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max tPZL Propagation Delay Output Enable 3.3 1.5 − 8.0 1.0 9.0 ns 5.0 1.5 − 6.0 1.0 6.5 tPLZ Propagation Delay Output Enable 3.3 1.5 − 8.0 1.0 9.0 ns 5.0 1.5 − 6.0 1.0 6.5 *Voltage Range 3.3 V is 3.3 V ±0.3 V. Voltage Range 5.0 V is 5.0 V ±0.5 V. |
유사한 부품 번호 - MC74ACT05DR2G |
|
유사한 설명 - MC74ACT05DR2G |