전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MMBT6427LT1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMBT6427LT1
부품 상세설명  Darlington Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6427LT1 데이터시트(HTML) 1 Page - ON Semiconductor

  MMBT6427LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 4Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 5Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 2
1
Publication Order Number:
MMBT6427LT1/D
MMBT6427LT1
Preferred Device
Darlington Transistor
NPN Silicon
Features
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
VCEO
40
Vdc
Collector −Base Voltage
VCBO
40
Vdc
Emitter −Base Voltage
VEBO
12
Vdc
Collector Current − Continuous
IC
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina Substrate,
(Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 6
Device
Package
Shipping
ORDERING INFORMATION
MMBT6427LT1
SOT−23
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBT6427LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
Preferred devices are recommended choices for future use
and best overall value.
1
2
3
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
1V M
G
G
1V = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
COLLECTOR 3
BASE
1
EMITTER 2


유사한 부품 번호 - MMBT6427LT1_06

제조업체부품명데이터시트부품 상세설명
ON Semiconductor
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
MMBT6427LT1G ONSEMI-MMBT6427LT1G_09 Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
More results

유사한 설명 - MMBT6427LT1_06

제조업체부품명데이터시트부품 상세설명
Micro Commercial Components
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
Central Semiconductor Corp
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
Seme LAB
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
Fairchild Semiconductor
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
First Silicon Co., Ltd
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
   NPN Silicon Darlington Transistor
Central Semiconductor Corp
Central Semiconductor C...
CMPTA27 CENTRAL-CMPTA27 Datasheet
99Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
NEC
NEC
2SD1939 NEC-2SD1939 Datasheet
124Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
Siemens Semiconductor Group
Siemens Semiconductor G...
SMBT6427 SIEMENS-SMBT6427 Datasheet
142Kb / 4P
   NPN Silicon Darlington Transistor
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com