전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MMBT6427LT1 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MMBT6427LT1
부품 상세설명  Darlington Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6427LT1 데이터시트(HTML) 4 Page - ON Semiconductor

  MMBT6427LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 4Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 5Page - ON Semiconductor MMBT6427LT1_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT6427LT1
http://onsemi.com
4
SMALL−SIGNAL CHARACTERISTICS
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0
10
20
30
50 70 100
200 300
500
TJ = 125°C
25°C
−55 °C
VCE = 5.0 V
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50
100 200
500 1000
TJ = 25°C
IC = 10 mA 50 mA
250 mA
500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
−1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20
30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
−2.0
−3.0
−4.0
−5.0
−6.0
5.0 7.0 10
20
30
50 70 100
200 300
500
25°C TO 125°C
−55 °C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25°C TO 125°C
−55 °C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0


유사한 부품 번호 - MMBT6427LT1_06

제조업체부품명데이터시트부품 상세설명
ON Semiconductor
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
MMBT6427LT1G ONSEMI-MMBT6427LT1G_09 Datasheet
167Kb / 6P
   Darlington Transistor
August, 2009 ??Rev. 3
More results

유사한 설명 - MMBT6427LT1_06

제조업체부품명데이터시트부품 상세설명
Micro Commercial Components
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
Central Semiconductor Corp
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
Seme LAB
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
Fairchild Semiconductor
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
First Silicon Co., Ltd
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
   NPN Silicon Darlington Transistor
Central Semiconductor Corp
Central Semiconductor C...
CMPTA27 CENTRAL-CMPTA27 Datasheet
99Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
NEC
NEC
2SD1939 NEC-2SD1939 Datasheet
124Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
Siemens Semiconductor Group
Siemens Semiconductor G...
SMBT6427 SIEMENS-SMBT6427 Datasheet
142Kb / 4P
   NPN Silicon Darlington Transistor
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com