전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBT6428LT1 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MMBT6428LT1
상세설명  Amplifier Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6428LT1 데이터시트(HTML) 4 Page - ON Semiconductor

  MMBT6428LT1_05 Datasheet HTML 1Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 2Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 3Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 4Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 5Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT6428LT1, MMBT6429LT1
http://onsemi.com
4
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.4
1.0
2.0
3.0
4.0
0.3
0.01
0.05
2.0
3.0
10
0.02
0.03
0.2
1.0
0.1
5.0
VCE = 5.0 V
TA = 125°C
25°C
−55 °C
0.7
0.5
0.5
0.2
0.3
0.01 0.02 0.05 0.1 0.2
0.5 1.0 2.0 5.0
10 20
50 100
Figure 9. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 10. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0.01
0
−0.8
−1.2
−1.6
−2.4
TJ = 25°C
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
TJ = 25°C to 125°C
−55 °C to 25°C
−0.4
−2.0
0.02 0.05 0.1 0.2
0.5 1.0 2.0 5.0
10 20
50
100
8.0
0.8
1.0
2.0
3.0
4.0
6.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
Ccb
Cob
Ceb
Cib
1.0
2.0
5.0
3.0
7.0
10
20
30
50 70 100
500
300
200
70
50
100
VCE = 5.0 V
TJ = 25°C
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Current−Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)


유사한 부품 번호 - MMBT6428LT1_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
191Kb / 5P
   Amplifier Transistors
October, 2016 ??Rev. 7
MMBT6428LT1G ONSEMI-MMBT6428LT1G_16 Datasheet
191Kb / 5P
   Amplifier Transistors
October, 2016 ??Rev. 7
More results

유사한 설명 - MMBT6428LT1_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com