전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV2109 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MV2109
상세설명  Silicon Tuning Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV2109 데이터시트(HTML) 1 Page - ON Semiconductor

  MV2109 Datasheet HTML 1Page - ON Semiconductor MV2109 Datasheet HTML 2Page - ON Semiconductor MV2109 Datasheet HTML 3Page - ON Semiconductor MV2109 Datasheet HTML 4Page - ON Semiconductor MV2109 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MMBV2101LT1/D
MMBV2101LT1 Series,
MV2105, MV2101, MV2109,
LV2209
Preferred Device
Silicon Tuning Diodes
These devices are designed in popular plastic packages for the high
volume requirements of FM Radio and TV tuning and AFC, general
frequency control and tuning applications. They provide solid−state
reliability in replacement of mechanical tuning methods. Also
available in a Surface Mount Package up to 33 pF.
Features
High Q
Controlled and Uniform Tuning Ratio
Standard Capacitance Tolerance − 10%
Complete Typical Design Curves
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Vdc
Forward Current
IF
200
mAdc
Forward Power Dissipation
@ TA = 25°C
MMBV21xx
Derate above 25
°C
@ TA = 25°C
MV21xx
Derate above 25
°C
LV2209
PD
225
1.8
280
2.8
mW
mW/
°C
mW
mW/
°C
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mAdc)
MMBV21xx, MV21xx
LV2209
V(BR)R
30
25
Vdc
Reverse Voltage Leakage Current
(VR = 25 Vdc, TA = 25°C)
IR
0.1
mAdc
Diode Capacitance Temperature Co-
efficient (VR = 4.0 Vdc, f = 1.0 MHz)
TCC
280
ppm/
°C
Preferred devices are recommended choices for future use
and best overall value.
3
Cathode
1
Anode
2
Cathode
1
Anode
SOT−23
TO−92
1
2
3
1
2
yy
yyyy
AYWW
G
G
TO−92 (TO−226AC)
CASE 182
STYLE 1
SOT−23 (TO−236)
CASE 318−08
STYLE 8
yyyyyy = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
6.8−100 pF, 30 VOLTS
VOLTAGE VARIABLE
CAPACITANCE DIODES
1
xxx M
G
G
xxx = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
MARKING
DIAGRAMS


유사한 부품 번호 - MV2109

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MV2109 LRC-MV2109 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
E-Tech Electronics LTD
MV2109 ETL-MV2109 Datasheet
123Kb / 3P
   Silicon Tuning Diode
logo
New Jersey Semi-Conduct...
MV2109 NJSEMI-MV2109 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
More results

유사한 설명 - MV2109

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com