전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBTH10L-A-AE3-CR 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 MMBTH10L-A-AE3-CR
상세설명  RF TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTH10L-A-AE3-CR 데이터시트(HTML) 3 Page - Unisonic Technologies

  MMBTH10L-A-AE3-CR Datasheet HTML 1Page - Unisonic Technologies MMBTH10L-A-AE3-CR Datasheet HTML 2Page - Unisonic Technologies MMBTH10L-A-AE3-CR Datasheet HTML 3Page - Unisonic Technologies MMBTH10L-A-AE3-CR Datasheet HTML 4Page - Unisonic Technologies MMBTH10L-A-AE3-CR Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTH10
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R206-003,E
TYPICAL CHARACTERISTICS
350
300
150
0
0
25
100
150
Power Dissipation Vs Ambient
Temperautre
50
75
125
250
200
100
50
10
0.1
25
100
150
Collector-Cutoff Current Vs
Ambient Temperature
50
75
125
1
VCB=30V
Ambient Temperature, TA (℃)
Temperature (℃)


유사한 부품 번호 - MMBTH10L-A-AE3-CR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
MMBTH10L-X-AE3-R UTC-MMBTH10L-X-AE3-R Datasheet
234Kb / 5P
   RF TRANSISTOR
MMBTH10L-X-AL3-R UTC-MMBTH10L-X-AL3-R Datasheet
234Kb / 5P
   RF TRANSISTOR
MMBTH10L-X-AN3-R UTC-MMBTH10L-X-AN3-R Datasheet
234Kb / 5P
   RF TRANSISTOR
More results

유사한 설명 - MMBTH10L-A-AE3-CR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
   RF TRANSISTOR
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
   RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
logo
Motorola, Inc
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
   RF Transistor
August, 2013
MCH4015 ONSEMI-MCH4015 Datasheet
295Kb / 9P
   RF Transistor
August, 2013
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com