전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74AC14NG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC74AC14NG
상세설명  Hex Inverter Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC14NG 데이터시트(HTML) 1 Page - ON Semiconductor

  MC74AC14NG Datasheet HTML 1Page - ON Semiconductor MC74AC14NG Datasheet HTML 2Page - ON Semiconductor MC74AC14NG Datasheet HTML 3Page - ON Semiconductor MC74AC14NG Datasheet HTML 4Page - ON Semiconductor MC74AC14NG Datasheet HTML 5Page - ON Semiconductor MC74AC14NG Datasheet HTML 6Page - ON Semiconductor MC74AC14NG Datasheet HTML 7Page - ON Semiconductor MC74AC14NG Datasheet HTML 8Page - ON Semiconductor MC74AC14NG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC14/D
MC74AC14, MC74ACT14
Hex Inverter Schmitt
Trigger
The MC74AC14/74ACT14 contains six logic inverters which
accept standard CMOS Input signals (TTL levels for MC74ACT14)
and provide standard CMOS output levels. They are capable of
transforming slowly changing input signals into sharply defined,
jitter−free output signals. In addition, they have a greater noise margin
then conventional inverters.
The MC74AC14/74ACT14 has hysteresis between the
positive−going and negative−going input thresholds (typically 1.0 V)
which is determined internally by transistor ratios and is essentially
insensitive to temperature and supply voltage variations.
Features
Schmitt Trigger Inputs
Outputs Source/Sink 24 mA
′ACT14 Has TTL Compatible Inputs
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to VCC +0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to VCC +0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
°C
Storage Temperature
Tstg
−65 to +150
mJ
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SOEIAJ−14
SUFFIX M
CASE 965
http://onsemi.com
1
TSSOP−14
SUFFIX DT
CASE 948G
SOIC−14
SUFFIX D
CASE 751A
1
1
14
14
14
PDIP−14
SUFFIX N
CASE 646
1
14
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
13
14
12
11
10
9
8
2
1
34567
GND
VCC
(Top View)
Figure 1. Pinout: 14−Lead Packages
Conductors
FUNCTION TABLE
Input
A
Output
O
L
H
H
L


유사한 부품 번호 - MC74AC14NG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC14N ONSEMI-MC74AC14N Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
More results

유사한 설명 - MC74AC14NG

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com