전자부품 데이터시트 검색엔진 |
|
MC74AC20MEL 데이터시트(PDF) 1 Page - ON Semiconductor |
|
MC74AC20MEL 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2006 October, 2006 − Rev. 8 1 Publication Order Number: MC74AC20/D MC74AC20, MC74ACT20 Dual 4−Input NAND Gate Features • Outputs Source/Sink 24 mA • ′ACT20 Has TTL Compatible Inputs • Pb−Free Packages are Available Figure 1. Pinout: 14-Lead Packages (Top View) GND 13 14 12 11 10 9 8 2 13 4 56 7 VCC A1 B1 NC C1 D1 O1 A0 B0 NC C0 D0 O0 PIN ASSIGNMENT PIN FUNCTION An, Bn, Cn, Dn Inputs On Outputs MAXIMUM RATINGS Rating Symbol Value Unit DC Supply Voltage (Referenced to GND) VCC −0.5 to +7.0 V DC Input Voltage (Referenced to GND) Vin −0.5 to VCC + 0.5 V DC Output Voltage (Referenced to GND) Vout −0.5 to VCC + 0.5 V DC Input Current, per Pin Iin ± 20 mA DC Output Sink/Source Current, per Pin Iout ± 50 mA DC VCC or GND Current per Output Pin ICC ± 50 mA Storage Temperature Tstg −65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. SOEIAJ−14 M SUFFIX CASE 965 1 14 SOIC−14 D SUFFIX CASE 751A 1 14 1 14 PDIP−14 N SUFFIX CASE 646 http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ORDERING INFORMATION |
유사한 부품 번호 - MC74AC20MEL |
|
유사한 설명 - MC74AC20MEL |